Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJP7N65 Datasheet(PDF) 8 Page - VBsemi Electronics Co.,Ltd

Part No. PJP7N65
Description  N-Channel 650V (D-S) Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

PJP7N65 Datasheet(HTML) 8 Page - VBsemi Electronics Co.,Ltd

Back Button PJP7N65 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TO-220 FULLPAK (HIGH VOLTAGE)
Notes
1. To be used only for process drawing.
2. These dimensions apply to all TO-220, FULLPAK leadframe versions 3 leads.
3. All critical dimensions should C meet Cpk > 1.33.
4. All dimensions include burrs and plating thickness.
5. No chipping or package damage.
E
b
n
d1
L
e
b2
b3
Ø P
L1
d3
D
c
A2
u
V
A1
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.570
4.830
0.180
0.190
A1
2.570
2.830
0.101
0.111
A2
2.510
2.850
0.099
0.112
b
0.622
0.890
0.024
0.035
b2
1.229
1.400
0.048
0.055
b3
1.229
1.400
0.048
0.055
c
0.440
0.629
0.017
0.025
D
8.650
9.800
0.341
0.386
d1
15.88
16.120
0.622
0.635
d3
12.300
12.920
0.484
0.509
E
10.360
10.630
0.408
0.419
e
2.54 BSC
0.100 BSC
L
13.200
13.730
0.520
0.541
L1
3.100
3.500
0.122
0.138
n
6.050
6.150
0.238
0.242
Ø P
3.050
3.450
0.120
0.136
u
2.400
2.500
0.094
0.098
v
0.400
0.500
0.016
0.020
ECN: X09-0126-Rev. B, 26-Oct-09
DWG: 5972
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
PJP7N65
8


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn