Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJP7N65 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part No. PJP7N65
Description  N-Channel 650V (D-S) Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

PJP7N65 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  PJP7N65 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd PJP7N65 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10 - Temperature vs. Drain-to-Source Voltage
Fig. 11 - Normalized Thermal Transient Impedance, Junction-to-Case
VSD, Source-Drain Voltage (V)
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
1
10
100
1000
0.01
0.1
1
10
100
1000
VDS- Drain -to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
10 ms
100 μs
Operation in this Area
Limited by R
DS(on)
TC = 25 °C
TJ = 150 °C
Single Pulse
BVDSS Limited
I
DM = Limited
TJ, Case Temperature (°C)
5
10
15
20
25
50
75
100
125
150
0
TJ, Junction Temperature (°C)
- 60
0
160
- 40 - 20
20
40
60
80 100 120 140
600
625
650
675
700
725
750
775
800
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Pulse Time (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
PJP7N65
4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn