Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHCT244N Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74VHCT244N
Description  Octal Buffer /Line Driver NINV (3-state)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHCT244N Datasheet(HTML) 4 Page - Integral Corp.

  IN74VHCT244N Datasheet HTML 1Page - Integral Corp. IN74VHCT244N Datasheet HTML 2Page - Integral Corp. IN74VHCT244N Datasheet HTML 3Page - Integral Corp. IN74VHCT244N Datasheet HTML 4Page - Integral Corp. IN74VHCT244N Datasheet HTML 5Page - Integral Corp. IN74VHCT244N Datasheet HTML 6Page - Integral Corp. IN74VHCT244N Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74VHCT244
DC electrical characteristics
Value
25
°C
–40
to 85
°C
Symbo
l
Parameter
Test conditions
VCC,
V
min
max
min
max
Unit
VIH High input voltage
VO ≤ 0.1 V or
VO ≥ VCC –0.1
4.5 –
5.5
2.0
-
2.0
-
V
VIL Low input voltage
VO ≤ 0.1 V or
VO ≥ VCC –0.1
4.5 –
5.5
0.8
0.8
4.5
4.42
4.4
VI = VIH or VIL
IO = -50 mkA
5.5
5.42
5.4
VOH High output voltage
VI = VIH or VIL;
IO = -8 mA
4.5
3.94
3.80
4.5
0.09
0.1
VI = VIH or VIL
IO = 50 mkA
5.5
0.09
0.1
VOL Low output voltage
VI = VIH or VIL
IO = 8 mA
4.5
0.36
0.44
IOZ
Output
current
in
"off" state
VI = 2.0V
VO = VCC or 0V
5.5
-
±0.25
-
±2.5
II
Input current
VI = 0 V or VCC
5.5
±0.1
±1.0
IIH1 High
level
input
current
VI = 5.5V
0
-
±0.1
-
±1.0
uA
ICC
Consumption current VI =VCC or 0V 5.5
-
4.0
-
40.0
ICCT TTL-input
consumption current
VI
=
3.4
V
5.5
-
1.35
-
1.5
mA
4


Similar Part No. - IN74VHCT244N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHCT244N IKSEMICON-IN74VHCT244N Datasheet
285Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
More results

Similar Description - IN74VHCT244N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHC244 KODENSHI-KK74VHC244 Datasheet
298Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
IK Semicon Co., Ltd
IN74VHC244 IKSEMICON-IN74VHC244 Datasheet
299Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
Integral Corp.
IN74VHC244 INTEGRAL-IN74VHC244 Datasheet
296Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT244 KODENSHI-KK74VHCT244 Datasheet
298Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT244 IKSEMICON-IN74VHCT244 Datasheet
285Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com