Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHCT244 Datasheet(PDF) 5 Page - Integral Corp.

Part # IN74VHCT244
Description  Octal Buffer /Line Driver NINV (3-state)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHCT244 Datasheet(HTML) 5 Page - Integral Corp.

  IN74VHCT244 Datasheet HTML 1Page - Integral Corp. IN74VHCT244 Datasheet HTML 2Page - Integral Corp. IN74VHCT244 Datasheet HTML 3Page - Integral Corp. IN74VHCT244 Datasheet HTML 4Page - Integral Corp. IN74VHCT244 Datasheet HTML 5Page - Integral Corp. IN74VHCT244 Datasheet HTML 6Page - Integral Corp. IN74VHCT244 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IN74VHCT244
AC electrical characteristics (tLH = tHL = 3.0 ns)
Value
25
°C
–40
to 85
°C
Symbol
Parameter
Test conditions
VCC, V
CL,
pF
min
max
min
max
Unit
15
7.4
8.5
tPHL, tPLH Propagation
delay time
when
switching
"on",
"off"
Fig 1
5.0 ± 0.5
50
8.4
9.5
ns
tPHZ , tPLZ Propagation delay time
under
transition
from
high , low level into "off"
state
Fig 2
5.0 ± 0.5 50
11.4
13.0
ns
15
10.4
12.0
tPZH , tPZL Propagation delay time
under
transition
from
«off» state into high, low
level
Fig 2
5.0 ± 0.5
50
11.4
13.0
ns
tOSLH,
tOSHL
Propagation
delays
difference
between
outputs
-
5.0 ± 0.5 50
1.0
1.0
ns
Capacitance characteristics
Value
25
°C
Symbol
Parameter
Test conditions
VCC, V
min
max
Unit
CI
Input capacity
-
5.0
10
pF
CO
Output capacity
-
5.0
18
pF
CРD
Dynamic capacity
VI = 0 V orVCC
5.0
36
pF
Noise characteristics (CL = 50 pF)
Value
Symbol
Parameter
VCC, V
min
max
Unit
VOLP
Positive noise of low output voltage
5.0
-
1.1
V
VOLV
Negative noise of low output
voltage
5.0
-1.1
-
VIHD
Input dynamic high voltage
5.0
2.0
VILD
Input dynamic low voltage
5.0
0.8
5


Similar Part No. - IN74VHCT244

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHCT244 IKSEMICON-IN74VHCT244 Datasheet
285Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
IN74VHCT244DW IKSEMICON-IN74VHCT244DW Datasheet
285Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
IN74VHCT244N IKSEMICON-IN74VHCT244N Datasheet
285Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
More results

Similar Description - IN74VHCT244

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74VHC244 KODENSHI-KK74VHC244 Datasheet
298Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
IK Semicon Co., Ltd
IN74VHC244 IKSEMICON-IN74VHC244 Datasheet
299Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
Integral Corp.
IN74VHC244 INTEGRAL-IN74VHC244 Datasheet
296Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT244 KODENSHI-KK74VHCT244 Datasheet
298Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT244 IKSEMICON-IN74VHCT244 Datasheet
285Kb / 7P
   Octal Buffer /Line Driver NINV (3-state)
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com