Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74VHCT126 Datasheet(PDF) 6 Page - Integral Corp.

Part No. IN74VHCT126
Description  Quad 3-State Noninverting Buffers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHCT126 Datasheet(HTML) 6 Page - Integral Corp.

  IN74VHCT126 Datasheet HTML 1Page - Integral Corp. IN74VHCT126 Datasheet HTML 2Page - Integral Corp. IN74VHCT126 Datasheet HTML 3Page - Integral Corp. IN74VHCT126 Datasheet HTML 4Page - Integral Corp. IN74VHCT126 Datasheet HTML 5Page - Integral Corp. IN74VHCT126 Datasheet HTML 6Page - Integral Corp. IN74VHCT126 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IN74VHCT126
- Time diagram of input and output pulses
0.5
0.5
t
LH
t
HL
3.0 V
0V
G
1.5 V
t
PZH
t
PZL
t
PHZ
t
PLZ
Y
Y
V
OH
0
V
V
CC
V
OL
0.9
0.9
0.1
0.1
0.9
0.1
1.5 V
Fig. 1
0.5
1.5 V
1.5 V
t
LH
t
HL
t
PHL
t
PLH
3.0 V
GND
A
Y
0 V
0.9
0.9
0.1
0.1
V
CC
0.5
Fig.2
6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IN74HCT125A QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  Integral Corp.
IN74HCT126A QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  Integral Corp.
IN74VHCT125 Quad 3-State Noninverting Buffers 1  2  3  4  5  More Integral Corp.
IN74VHC126 QUAD 3-STATE NONINVERTING BUFFERS 1  2  3  4  5  More Integral Corp.
AD5424 Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS 1  2  3  4  5  List of Unclassifed Manufacturers
SL74HC125 Quad 3-State Noninverting Buffers 1  2  3  4  5  System Logic Semiconductor
IN74ACT125 Quad 3-State Noninverting Buffers 1  2  3  4  5  Integral Corp.
IN74HC125A Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.
MC74HC125A Quad 3-State Noninverting Buffers 1  2  3  4  5  More ON Semiconductor
74F125 Quad buffers 3-State 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn