Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74VHCT126 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74VHCT126
Description  Quad 3-State Noninverting Buffers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74VHCT126 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74VHCT126
DC electrical characteristics
Value
25
°C
–40
to 85
°C
Symbol
Parameter
Test conditions
VCC,
V
min
max
min
max
Unit
VIH
High input voltage
-
4.5 –
5.5
2.0
-
2.0
-
V
VIL
Low input voltage
-
4.5 –
5.5
0.8
0.8
4.5
4.42
4.4
VI = VIH or VIL
IO = -50 mkA
5.5
5.42
5.4
VOH High output voltage
VI = VIH or VIL;
IO = -8 mA
4.5
3.94
3.80
4.5
0.09
0.1
VI = VIH or VIL
IO = 50 mkA
5.5
0.09
0.1
VOL Low output voltage
VI = VIH or VIL
IO = 8 mA
4.5
0.36
0.44
IOZ
Output current in
"off" state
VI = 2.0V
VO = VCC or 0V
5.5
-
±0.25
-
±2.5
uA
II
Input current
VI = 0 V or VCC
5.5
±0.1
±1.0
IIH1
High
level
input
current
VI = 5.5V
0
-
±0.1
-
±1.0
uA
ICC
Consumption current VI =VCC or 0V
5.5
-
4.0
-
40.0
ICCT TTL-input
consumption current
VI = 3.4 V
5.5
-
1.35
-
1.5
mA
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn