Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74VHCT126 Datasheet(PDF) 3 Page - Integral Corp.

Part No. IN74VHCT126
Description  Quad 3-State Noninverting Buffers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74VHCT126 Datasheet(HTML) 3 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IN74VHCT126
Absolute maximum conditions*
Parameter, unit
Symbol
Value
min
max
Supply voltage, V
VCC
-0.5
7.0
Input voltage, V
Vin
-0.5
7.0
Output voltage, V
Vout
-0.5
VCC + 0.5B
Output voltage, V
Vout1
-0.5
7.0
Input diode current, mA
Iik
-
-20
Current of common output and supply
output, mA
Icc
±50
Output current, mA
Iout
±25
Output diode current, mA
Iok
±20
Dissipated power, mW
Pd
180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is
guaranteed under maximum conditions
Maximum conditions
Symbol
Value
Parameter, unit
min
max
Supply voltage, V
VCC
4.5
5.5
Input voltage,V
Vin
0
VCC
Output voltage, V
Vout
0
VCC
Output voltage, V
Vout1
0
5.5*
Output current, mA
Iout
-
±8.0
Input rise and fall time, ns/V
tLH, tHL
0
20
* Outputs in the third state
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn