Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

11EQ09 Datasheet(PDF) 6 Page - Nihon Inter Electronics Corporation

Part No. 11EQ09
Description  Low Forward Voltage drop Diode
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NIEC [Nihon Inter Electronics Corporation]
Homepage  http://www.niec.co.jp
Logo 

11EQ09 Datasheet(HTML) 6 Page - Nihon Inter Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SURGE CURRENT RATINGS
11EQ09
f=50Hz,Half Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
10
20
30
40
0.02s
I FSM
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
11EQ09
T j= 2 5 ° C ,V m = 2 0 m V R M S ,f = 1 0 0 k H z ,T y p ic a l V a lu e
0.5
1
2
5
10
20
50
100
REVERSE VOLTAGE (V)
10
20
50
100


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EA31FS4Low Forward Voltage drop Diode 1 2 3 4 5 Nihon Inter Electronics Corporation
11DQ10Low Forward Voltage drop Diode 1 2 3 4 5 MoreNihon Inter Electronics Corporation
31DQ09Low Forward Voltage drop Diode 1 2 3 4 5 MoreNihon Inter Electronics Corporation
C10T60F-11ALow Forward Voltage Drop Diode 1 2 3 4 Nihon Inter Electronics Corporation
11EQS04Low Forward Voltage Drop Diode 1 2 Nihon Inter Electronics Corporation
11EQS06Low Forward Voltage drop Diode 1 2 Nihon Inter Electronics Corporation
KSF30A40BLow Forward Voltage drop Diode 1 2 Nihon Inter Electronics Corporation
GSF10A40Low Forward Voltage drop Diode 1 2 Nihon Inter Electronics Corporation
GCQ20A04Low Forward Voltage drop Diode 1 2 Nihon Inter Electronics Corporation
11EQ06Low Forward Voltage drop Diode 1 2 3 4 5 MoreNihon Inter Electronics Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn