Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCSESU051F0 Datasheet(PDF) 1 Page - Schneider Electric

Part No. TCSESU051F0
Description  ConneXium Unmanaged Switch - 5 ports for copper - IP67 - M12
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TCSESU051F0 Datasheet(HTML) 1 Page - Schneider Electric

  TCSESU051F0 Datasheet HTML 1Page - Schneider Electric TCSESU051F0 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 7, 2021
1
Product data sheet
Characteristics
TCSESU051F0
ConneXium Unmanaged Switch - 5 ports for
copper - IP67 - M12
Main
Range of product
ConneXium
Product or component
type
Ethernet TCP/IP unmanaged switch
Concept
Transparent Ready
Communication port
protocol
Ethernet TCP/IP
Port Ethernet
10/100BASE-TX - 5 port(s) copper cable
Maximum number of
switches in cascade
Unlimited
Complementary
Integrated connection type
1 M12 port copper cable
Transmission support medium
Twisted shielded pairs cable CAT 5E for copper cable
Maximum cable distance between devices
100 m copper cable
[Us] rated supply voltage
24 V
Supply voltage limits
18…32 V DC SELV
Power consumption in W
3.2 W
Electrical connection
Removable M12 connector 5 ways power supply
Mounting support
35 mm symmetrical DIN rail
Marking
CE
UL
RCM
Local signalling
1 LED (green) for power supply
1 LED per channel (green) for link status
Ethernet cabling system
TF switches
MTBF reliability
2403272.0 H
Width
60 mm
Height
126 mm
Depth
31 mm
Net weight
0.21 kg
Environment
Ambient air temperature for operation
0…60 °C
Relative humidity
0…95 % non-condensing
IP degree of protection
IP67
Directives
2014/35/EU - low voltage directive
2014/30/EU - electromagnetic compatibility
2012/19/EU - WEEE directive
Standards
UL 61010
EN/IEC 61131
Product certifications
CE
UL
RCM


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn