Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54622 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54622
Description  TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54622 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS54622 Datasheet HTML 20Page - Texas Instruments TPS54622 Datasheet HTML 21Page - Texas Instruments TPS54622 Datasheet HTML 22Page - Texas Instruments TPS54622 Datasheet HTML 23Page - Texas Instruments TPS54622 Datasheet HTML 24Page - Texas Instruments TPS54622 Datasheet HTML 25Page - Texas Instruments TPS54622 Datasheet HTML 26Page - Texas Instruments TPS54622 Datasheet HTML 27Page - Texas Instruments TPS54622 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
8.2.2 Detailed Design Procedures
8.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TPS54622-EP device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.2.2 Operating Frequency
The first step is to decide on a switching frequency for the regulator. There is a trade off between higher and
lower switching frequencies. Higher switching frequencies may produce smaller a solution size using lower
valued inductors and smaller output capacitors compared to a power supply that switches at a lower frequency.
However, the higher switching frequency causes extra switching losses, which hurt the converter’s efficiency and
thermal performance. In this design, a moderate switching frequency of 480 kHz is selected to achieve both a
small solution size and a high-efficiency operation.
8.2.2.3 Output Inductor Selection
To calculate the value of the output inductor, use Equation 18. KIND is a coefficient that represents the amount
of inductor ripple current relative to the maximum output current. The inductor ripple current is filtered by the
output capacitor. Therefore, choosing high inductor ripple currents impact the selection of the output capacitor
since the output capacitor must have a ripple current rating equal to or greater than the inductor ripple current. In
general, the inductor ripple value is at the discretion of the designer; however, KIND is normally from 0.1 to 0.3
for the majority of applications.
f
-
=
×
×
×
Vinm ax
Vout
Vout
L1
Io Kind
Vinm ax
sw
(18)
For this design example, use KIND = 0.3 and the inductor value is calculated to be 3.08 µH. For this design, a
nearest standard value was chosen: 3.3 µH. For the output filter inductor, it is important that the RMS current
and saturation current ratings not be exceeded. The RMS and peak inductor current can be found from Equation
20 and Equation 21.
f
-
=
×
×
Vinmax
Vout
Vout
Iripple
L1
Vinmax
sw
(19)
(
)
2
2
1
12
f
æ
ö
×
-
=
+
×ç
÷
ç
÷
×
×
è
ø
o
V
Vinmax
Vo
ILrms
Io
Vinmax L1
sw
(20)
2
=
+
Iripple
ILpeak
Iout
(21)
TPS54622-EP
SLVSFN6 – DECEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS54622-EP


Similar Part No. - TPS54622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54622 TI1-TPS54622 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54622 TI-TPS54622 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
TPS54622-EP TI-TPS54622-EP Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
TPS54622-EP TI-TPS54622-EP_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
More results

Similar Description - TPS54622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54622-EP TI-TPS54622-EP_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
TPS54622 TI-TPS54622_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54622 4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT??Converter With Hiccup Protection
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54427 TI1-TPS54427_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
TPS57114-EP TI-TPS57114-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54678 TI-TPS54678_15 Datasheet
1Mb / 39P
[Old version datasheet]   2.95 V to 6 V INPUT, 6 A OUTPUT, 2 MHz, SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com