Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ARRAYJ-300XX-64P-PCB Datasheet(PDF) 4 Page - ON Semiconductor

Part # ARRAYJ-300XX-64P-PCB
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ-300XX-64P-PCB Datasheet(HTML) 4 Page - ON Semiconductor

  ARRAYJ-300XX-64P-PCB Datasheet HTML 1Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 2Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 3Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 4Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 5Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 6Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 7Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 8Page - ON Semiconductor ARRAYJ-300XX-64P-PCB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ArrayJ Series
www.onsemi.com
4
Table 1. CONNECTOR PIN−OUTS FOR THE ARRAYJ−60035−64P−PCB
J1
J2
PIN
SIGNAL
PIN
SIGNAL
PIN
SIGNAL
PIN
SIGNAL
1
S17
2
S1
1
S49
2
S33
3
F17
4
F1
3
F49
4
F33
5
S25
6
S9
5
S57
6
S41
7
F25
8
F9
7
F57
8
F41
9
S18
10
S2
9
S50
10
S34
11
F18
12
F2
11
F50
12
F34
13
S26
14
S10
13
S58
14
S42
15
F26
16
F10
15
F58
16
F42
17
S19
18
S3
17
S51
18
S35
19
F19
20
F3
19
F51
20
F35
21
S27
22
S11
21
S59
22
S43
23
F27
24
F11
23
F59
24
F43
25
S20
26
S4
25
S52
26
S36
27
F20
28
F4
27
F52
28
F36
29
S28
30
S12
29
S60
30
S44
31
F28
32
F12
31
F60
32
F44
33
CM
34
CM
33
CM
34
CM
35
CM
36
CM
35
CM
36
CM
37
CM
38
CM
37
CM
38
CM
39
CM
40
CM
39
CM
40
CM
41
S21
42
S5
41
S53
42
S37
43
F21
44
F5
43
F53
44
F37
45
S29
46
S13
45
S61
46
S45
47
F29
48
F13
47
F61
48
F45
49
S22
50
S6
49
S54
50
S38
51
F22
52
F6
51
F54
52
F38
53
S30
54
S14
53
S62
54
S46
55
F30
56
F14
55
F62
56
F46
57
S23
58
S7
57
S55
58
S39
59
F23
60
F7
59
F55
60
F39
61
S31
62
S15
61
S63
62
S47
63
F31
64
F15
63
F63
64
F47
65
S24
66
S8
65
S56
66
S40
67
F24
68
F8
67
F56
68
F40
69
S32
70
S16
69
S64
70
S48
71
F32
72
F16
71
F64
72
F48
73
CM
74
CM
73
CM
74
CM
75
CM
76
CM
75
CM
76
CM
77
CM
78
CM
77
CM
78
CM
79
CM
80
CM
79
CM
80
CM
CM
Common I/O
Sn
Standard I/O of pixel n
Fn
Fast output of pixel n


Similar Part No. - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-144P-PCB ONSEMI-ARRAYC-30035-144P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-16P-PCB ONSEMI-ARRAYC-30035-16P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-BGA ONSEMI-ARRAYC-60035-4P-BGA Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-GEVB ONSEMI-ARRAYC-60035-4P-GEVB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
More results

Similar Description - ARRAYJ-300XX-64P-PCB

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
OSRAM GmbH
OSRAM GmbH
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
   Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
   Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBG81-2S OSRAM-SPLBG81-2S Datasheet
127Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 808 nm
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com