Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRAYJ Datasheet(PDF) 2 Page - ON Semiconductor

Part # ARRAYJ
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ Datasheet(HTML) 2 Page - ON Semiconductor

  ARRAYJ Datasheet HTML 1Page - ON Semiconductor ARRAYJ Datasheet HTML 2Page - ON Semiconductor ARRAYJ Datasheet HTML 3Page - ON Semiconductor ARRAYJ Datasheet HTML 4Page - ON Semiconductor ARRAYJ Datasheet HTML 5Page - ON Semiconductor ARRAYJ Datasheet HTML 6Page - ON Semiconductor ARRAYJ Datasheet HTML 7Page - ON Semiconductor ARRAYJ Datasheet HTML 8Page - ON Semiconductor ARRAYJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ArrayJ Series
www.onsemi.com
2
ARRAYJ−60035−64P−PCB (8 X 8 Array of 6 mm Pixels)
Array Size
Sensor Type
Readout
Board Size
Pixel Pitch
No. Connections
No. Connectors
8 x 8
60035
Pixel
50.44 x 50.44 mm2
6.33 mm
160
2 x 80−way
The ARRAYJ−60035−64P is comprised of 64 individual
6mm J−Series sensors arranged in a 8 x 8 array.
The performance of the individual pixels and details of the
bias to apply can be found in the J−Series datasheet.
The connections to each array are provided by two Samtec
80−way connectors, type QTE−040−03−F−D−A. These
connectors mate with the Samtec QSE−040−01−F−D−A
board−to−board connector and the Samtec EQCD High
Speed Cable Assemblies. The 64 SiPM pixels all have
substrate connections (cathode) summed to form a common
I/O. The 80−way connectors provide connections as
follows:
64 x fast output
64 x standard I/O
32 x common I/O
16 x shield contacts to the Common
ARRAYJ−60035−64P Board Drawing
J1
J2
57
1
8
64
The complete ARRAYJ−60035−64P−PCB CAD is available to download.


Similar Part No. - ARRAYJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-144P-PCB ONSEMI-ARRAYC-30035-144P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-30035-16P-PCB ONSEMI-ARRAYC-30035-16P-PCB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-BGA ONSEMI-ARRAYC-60035-4P-BGA Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
ARRAYC-60035-4P-GEVB ONSEMI-ARRAYC-60035-4P-GEVB Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
More results

Similar Description - ARRAYJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
logo
OSRAM GmbH
SPLBK94-40 OSRAM-SPLBK94-40 Datasheet
133Kb / 3P
   Unmounted Laser Bars, 50% Fill Factor, 940nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
   Unmounted Laser Bars, 30% Fill-Factor, 980 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
   Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBS81-9S OSRAM-SPLBS81-9S Datasheet
184Kb / 4P
   Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm
SPLBK81-12S OSRAM-SPLBK81-12S Datasheet
209Kb / 4P
   Un-mounted Laser Bars, 50 Fill-factor, 808 nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com