Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4473C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4473C
Description  100-W 20-A Programmable Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4473C Datasheet(HTML) 4 Page - Texas Instruments

  PT4473C Datasheet HTML 1Page - Texas Instruments PT4473C Datasheet HTML 2Page - Texas Instruments PT4473C Datasheet HTML 3Page - Texas Instruments PT4473C Datasheet HTML 4Page - Texas Instruments PT4473C Datasheet HTML 5Page - Texas Instruments PT4473C Datasheet HTML 6Page - Texas Instruments PT4473C Datasheet HTML 7Page - Texas Instruments PT4473C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
PT4473
Configuring PT4473 DC/DC Converters
for N+1 Operation
‘N+1’ vs OR’ing
The PT4473 DC/DC converter modules may be
operated with other PT4473 modules in ‘N+1’
configurations. A simple OR’ing connection allows
a number of converters to share the load current. An
‘N+1’ configuration adds redundancy by employing
at least one more converter than is necessary to
supply the load. This ensures that upon the loss of
one converter, sufficient capacity remains to supply
the load without interruption. As an example, a 29-A
load configured for ‘N+1’ would require no less than
three PT4473 converters. Two are needed to meet
the load demand, plus one additional converter to
ensure redundancy. Figure 1-1 shows the schematic
for operating two PT4473 converters in an ‘N+1’
configuration for a 15-A load application.
Blocking Diodes
A true ‘N+1’ redundant system must also protect the
output bus against fault current back-feeding a con-
verter. Without a blocking diode, a converter will sink
current as a result of a fault at its output, or due to the
loss of its input source. The blocking diodes 4, (D1
PT4473
PT4473
1
2
8–13
20
7
REMOTE SENSE (+)
REMOTE SENSE (–)
PROGRAMMING PINS
3
C
OUT, 150µF
(Required)
+
18–13
14–19
25
24
23
22
14–19
2
626
20
626
7
REMOTE SENSE (+)
22
23
24
25
3
PROGRAMMING PINS
D
2, OR'ing Diode
(Required)
–V
IN
+V
IN
15-A
LOAD
Inhibit
–V
OUT
+V
OUT
+V
IN
–V
IN
+V
OUT
–V
OUT
VID4 – VID1
+Sns
–Sns
Share
Sync
Inhibit
–Sns
Share
Sync
Inhibit
+Sns
+V
IN
–V
IN
+V
OUT
–V
OUT
VID4 – VID0
C
IN
C
IN
D
1, OR'ing Diode
(Required)
F1
F2
C
OUT, 150µF
(Required)
+
Figure 1-1; Connection Schematic for Operation in Parallel/N+1 Configuration
& D2 in Figure 1-1), protect against reverse current
flow under such conditions.
Notes
1. For ‘N+1’ redundancy, always use one more
converter than is required to supply the load.
2. The VID pins for all converter modules must be
independently set to the same voltage program code.
3. All converters connected for ‘N+1’ operation
must be located on the same printed circuit
board. A similar footprint and trace layout for
each converter will facilitate current sharing.
4 A number of high-current rectifier diodes are
available with a low forward voltage drop. They
are specifically designed for OR’ing applications
in ‘N+1’ systems. Eg. The 82CNQ030, and
MBRB2515.
5. As a result of excess capacity and the losses in the
blocking diodes, system efficiency is reduced.
6. The interconnection of pin 6 (Sync), and pin 26
(Share) between all modules are required for load
current sharing and operation at a common
frequency.


Similar Part No. - PT4473C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4470 TI-PT4470 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471A TI-PT4471A Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471C TI-PT4471C Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4471N TI-PT4471N Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4473C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4484 TI-PT4484 Datasheet
151Kb / 7P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4474 TI-PT4474 Datasheet
172Kb / 8P
[Old version datasheet]   100-W 20-A Programmable Isolated DC/DC Converter
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4481 TI-PT4481 Datasheet
177Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4475 TI-PT4475 Datasheet
436Kb / 6P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4472 TI-PT4472 Datasheet
154Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4441 TI-PT4441 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4476 TI-PT4476 Datasheet
195Kb / 8P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4486 TI-PT4486 Datasheet
208Kb / 9P
[Old version datasheet]   100-W 8.5-A Programmable Isolated DC/DC Converter
PT4471 TI-PT4471 Datasheet
178Kb / 8P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com