Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5601 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HFBR-5601
Description  Gigabit Interface Converters (GBIC) for Gigabit Ethernet
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5601 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5601 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5601 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5601 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Short Wavelength GBIC: HFBR-5601
Transmitter Section
The transmitter section consists
of an 850 nm VCSEL in an optical
subassembly (OSA), which mates
to the fiber cable. The VCSEL
OSA is driven by a custom, silicon
bipolar IC which converts
differential logic signals into an
analog Laser Diode drive current.
Receiver Section
The receiver includes a GaAs PIN
photodiode mounted together
with a custom, silicon bipolar
transimpedance preamplifier IC,
in an OSA. The OSA interfaces to
a custom silicon bipolar circuit
that provides post-amplification
and quantization. The post-
amplifier includes a Signal Detect
circuit that provides TTL
compatible logic-low output in
response to the detection of a
usable input optical signal.
Eye Safety Design
The laser driver is designed to be
Class 1 eye safe (CDRH21 CFR(J),
IEC 60825-1) under a single fault
condition. To be eye safe, only
one of two results can occur in
the event of a single fault. The
transmitter must either maintain
normal eye safe operation or the
transmitter should be disabled.
There are three key elements to
the safety circuitry: a monitor
diode, a window detector circuit,
and direct control of the laser
bias. The window detection circuit
monitors the average optical
power using the monitor diode. If
a fault occurs such that the dc
regulation circuit cannot maintain
the preset bias conditions within
±20%, the transmitter will
automatically be disabled. Once
this has occurred, an electrical
power reset will allow an
attempted turn-on of the
transmitter. TX_FAULT can also
be cleared by cycling TX_DISABLE
high for a time interval >10 µs.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each parameter
in isolation, all other parameters having values within the recommended operating conditions. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time. Exposure to the absolute maximum
ratings for extended periods can adversely affect device reliability.
Recommended Operating Conditions
Transceiver Electrical Characteristics
(TA = 0°C to +60°C, VCC = 4.75 V to 5.25 V)
Notes:
1. Up to applied VDDT.
2. See Figure 1 for measurement point.
3. Maximum current is specified at VCC = maximum @ maximum operating temperature and end of life.
4. Hot plug above actual steady state current.
5. Total TX + RX.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VDDT
VDDR
-0.5
6.0
V
Data Input Voltage
TX_DAT
-0.5
VDDTV
1
Transmitter
Differential Input Voltage
±TX_DAT
2000
mV p-p
Relative Humidity
RH
5
95
%
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Ambient Operating Temperature
TA
0+60
°C
Case Temperature
TCASE
+75
°C
2
Supply Voltage
VDDT
VDDR
4.75
5.0
5.25
V
Supply Current
ITX + IRX
200
300
mA
3
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Surge Current
ISURGE
+30
mA
4
Power Dissipation
PDISS
1.00
1.58
W
5


Similar Part No. - HFBR-5601

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-5601 BOARDCOM-HFBR-5601 Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HFBR-5601

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z Datasheet
482Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Broadcom Corporation.
AFBR-5601Z BOARDCOM-AFBR-5601Z Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z_13 Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Delta Electronics, Inc.
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250A3FR DELTA-GBIC-1250A3FR Datasheet
365Kb / 11P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
logo
Socay Electornics Co., ...
ULC33CP8 SOCAY-ULC33CP8 Datasheet
296Kb / 3P
   Lightning & ESD Protection For Gigabit Ethernet Interface
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com