Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS160PR810NJXT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR810NJXT
Description  DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR810NJXT Datasheet(HTML) 14 Page - Texas Instruments

Back Button DS160PR810NJXT Datasheet HTML 10Page - Texas Instruments DS160PR810NJXT Datasheet HTML 11Page - Texas Instruments DS160PR810NJXT Datasheet HTML 12Page - Texas Instruments DS160PR810NJXT Datasheet HTML 13Page - Texas Instruments DS160PR810NJXT Datasheet HTML 14Page - Texas Instruments DS160PR810NJXT Datasheet HTML 15Page - Texas Instruments DS160PR810NJXT Datasheet HTML 16Page - Texas Instruments DS160PR810NJXT Datasheet HTML 17Page - Texas Instruments DS160PR810NJXT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Figure 6-5. Typical Jitter Characteristics - Top: 16Gbps PRBS15 Input to the Device, Bottom: Output of
the Device.
DS160PR810
SNLS658 – DECEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR810


Similar Part No. - DS160PR810NJXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
[Old version datasheet]   DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS160PR822NJXR TI-DS160PR822NJXR Datasheet
1Mb / 31P
[Old version datasheet]   DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS160PR822NJXT TI-DS160PR822NJXT Datasheet
1Mb / 31P
[Old version datasheet]   DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
More results

Similar Description - DS160PR810NJXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
[Old version datasheet]   DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
[Old version datasheet]   DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
[Old version datasheet]   DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
DS160PR412 TI-DS160PR412 Datasheet
3Mb / 37P
[Old version datasheet]   DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
DS160UP822 TI-DS160UP822 Datasheet
1Mb / 31P
[Old version datasheet]   DS160UP822 UPI 2.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
[Old version datasheet]   USB3.2 10 Gbps Dual-Channel Linear Redriver
logo
NXP Semiconductors
PTN3944 NXP-PTN3944 Datasheet
577Kb / 42P
   Multi-channel PCIe 4.0 linear equalizer
Rev. 1.1 ??10 June 2021
logo
Texas Instruments
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
[Old version datasheet]   USB3.1 10 Gbps Dual-Channel Linear Redriver
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
[Old version datasheet]   DisplayPort 8.1 Gbps Linear Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com