Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62290L Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62290L
Description  5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62290L Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62290L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62290L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62290L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62290L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62290L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62290L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62290L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MITSUBISHI <Dig./Ana. INTERFACE>
M62290L/FP
5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
April 1997
(
/
)
7
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise noted)
Supply voltage
Output current
Symbol
Parameter
Conditions
Ratings
Unit
Vcc
Io
16
V
100
mA
Pd
Power dissipation
5-pin SIP
8-pin SOP
450
mW
mW
440
K
Thermal derating
5-pin SIP
8-pin SOP
4.5
mW/ °C
4.4
mW/ °C
Topr
Tstg
Operating temperature
Storage temperature
-20 to +85
-40 to +125
°C
°C
Ta = 25°C
Ta > 25°C
Block
Symbol
Parameter
Test conditions
Unit
Limits
Min.
Typ.
Max.
Vcc
Supply voltage
Icc
Supply current
6.0
15
V
Vo
Vreg-L
Output voltage
REF line regulation
Iin
IN input current
V
mV
5.00
4.75
5.25
5
30
160
fosc
Oscillator frequency
120
kHz
VTHCLM
Current limit voltage
140
mV
Output leakage current
ICL
Output saturation voltage
Vsat
-1
1
0.1
0.3
Vcc - CLM
V
Maximum on duty
TDUTY
90
%
1100
Without load
300
70
170
110
170
Vcc= 6 to 15V
Vcc = 15V, Vc = 15V
Error
Amp.
Oscillator
CLM
Output
Io = 100mA
780
ELECTRICAL CHARACTERISTICS (Ta=25°C, Vcc=12V, unless otherwise noted)
µA
µA
µA
2
All
block


Similar Part No. - M62290L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62290L RENESAS-M62290L Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
More results

Similar Description - M62290L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62291GP MITSUBISHI-M62291GP Datasheet
16Kb / 3P
   5-PIN SOT-23 5.0V SYSTEM FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62222L MITSUBISHI-M62222L Datasheet
25Kb / 3P
   2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62221L MITSUBISHI-M62221L Datasheet
25Kb / 3P
   3.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62220L MITSUBISHI-M62220L Datasheet
25Kb / 3P
   3.3V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
M62221L RENESAS-M62221L Datasheet
167Kb / 6P
   3.0 V Fixed Output Voltage DC/DC Converter
M62220L RENESAS-M62220L Datasheet
114Kb / 7P
   3.3 V Fixed Output Voltage DC/DC Converter
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
M62292FP MITSUBISHI-M62292FP Datasheet
31Kb / 4P
   3.3V, 1.8V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com