Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM908E621 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MM908E621
Description  Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E621 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MM908E621 Datasheet HTML 1Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E621 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
908E621
Terminal Connections
Analog
42
VDD
Voltage Regulator
Output
The +5.0 V voltage regulator output terminal is intended to supply the
embedded microcontroller.
Analog
43
VSS
Voltage Regulator
Ground
Ground terminal for the connection of all non-power ground connections
(microcontroller and sensors).
EP
Exposed Pad
Exposed Pad
The exposed pad terminal on the bottom side of the package conducts
heat from the chip to the PCB board.
Table 1. Terminal Definitions (continued)
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 21.
Die
Terminal
Terminal Name
Formal Name
Definition


Similar Part No. - MM908E621

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E621ACDWB FREESCALE-MM908E621ACDWB Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWB FREESCALE-MM908E621ACDWB Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWB/R2 FREESCALE-MM908E621ACDWB/R2 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWBR2 FREESCALE-MM908E621ACDWBR2 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWBR2 FREESCALE-MM908E621ACDWBR2 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
More results

Similar Description - MM908E621

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com