Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6503NJ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P6503NJ
Description  N&P-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P6503NJ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P6503NJ Datasheet HTML 1Page - List of Unclassifed Manufacturers P6503NJ Datasheet HTML 2Page - List of Unclassifed Manufacturers P6503NJ Datasheet HTML 3Page - List of Unclassifed Manufacturers P6503NJ Datasheet HTML 4Page - List of Unclassifed Manufacturers P6503NJ Datasheet HTML 5Page - List of Unclassifed Manufacturers P6503NJ Datasheet HTML 6Page - List of Unclassifed Manufacturers P6503NJ Datasheet HTML 7Page - List of Unclassifed Manufacturers P6503NJ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
JUL-08-2004
N- & P-Channel Enhancement Mode
Field Effect Transistor
P6503NJ
TSOPJW-8
NIKO-SEM
Turn-On Delay Time
2
td(on)
N-Ch
P-Ch
7
8
11
12
Rise Time
2
tr
N-Ch
P-Ch
12
11
18
18
Turn-Off Delay Time
2
td(off)
N-Ch
P-Ch
12
14
18
21
Fall Time
2
tf
N-Channel
VDS = 15V, RL = 15Ω
ID ≅ 1A, VGS = 10V, RGEN = 6Ω
P-Channel
VDS = -15V, RL = 15Ω
ID ≅ -1A, VGS = -10V, RGEN = 6Ω
N-Ch
P-Ch
7
8
11
12
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
IF = 0.9A, VGS = 0V
Forward Voltage
1
VSD
IF = -0.9A, VGS = 0V
N-Ch
P-Ch
1.2
-1.2
V
IF = 0.9A, dlF/dt = 100A / µS
Reverse Recovery Time
trr
IF = -0.9A, dlF/dt = 100A / µS
N-Ch
P-Ch
40
40
80
80
nS
1Pulse test : Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
REMARK: THIS PRODUCT MARKED WITH “50YWW”
50YWW
Marking Description:
5 - N+P MOSFET
0 - Serial Number
Y - Year
W - Week


Similar Part No. - P6503NJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6503NJG ETC2-P6503NJG Datasheet
239Kb / 8P
   N- & P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - P6503NJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6803NAG ETC2-P6803NAG Datasheet
127Kb / 8P
   N- & P-Channel Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PA500CA NIKOSEM-PA500CA Datasheet
319Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
PA110NV NIKOSEM-PA110NV Datasheet
345Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
PD601CX NIKOSEM-PD601CX Datasheet
456Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
PZ607UZ NIKOSEM-PZ607UZ Datasheet
488Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
P5506NV NIKOSEM-P5506NV Datasheet
340Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
PK615CA NIKOSEM-PK615CA Datasheet
557Kb / 9P
   N- & P-Channel Enhancement Mode Field Effect Transistor
REV1.1
logo
List of Unclassifed Man...
P6503NJG ETC2-P6503NJG Datasheet
239Kb / 8P
   N- & P-Channel Enhancement Mode Field Effect Transistor
P3503QVG ETC-P3503QVG Datasheet
540Kb / 8P
   N- & P-Channel Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PB502CW NIKOSEM-PB502CW Datasheet
393Kb / 7P
   N- & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com