Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKE270-24 Datasheet(PDF) 6 Page - International Rectifier

Part # IRKE270-24
Description  MAGN-A-pak Power Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKE270-24 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRKE270-24 Datasheet HTML 2Page - International Rectifier IRKE270-24 Datasheet HTML 3Page - International Rectifier IRKE270-24 Datasheet HTML 4Page - International Rectifier IRKE270-24 Datasheet HTML 5Page - International Rectifier IRKE270-24 Datasheet HTML 6Page - International Rectifier IRKE270-24 Datasheet HTML 7Page - International Rectifier IRKE270-24 Datasheet HTML 8Page - International Rectifier IRKE270-24 Datasheet HTML 9Page - International Rectifier IRKE270-24 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Maximum Non-Repetitive Surge Current
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Forward Voltage Drop Characteristics
Fig. 11 - Thermal Impedance Z
thJC Characteristics
0
25
50
75
100
125
150
M aximu m A llo wa b le A m b ien t Temp era tu re ( C )
0.25 K/
W
0.0
6
K/
W
0.0
8
K/W
0.1
2 K
/W
0.16
K/W
0.35 K/W
0
200
400
600
800
1000
1200
1400
1600
1800
0
100 200 300 400 500 600 700 800
To ta l O u tp u t C urrent (A )
120
(R ect)
3 x IR K.25 0.. Series
Three Ph a se Brid ge
C o nnected
T
= 1 50 C
J
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
6500
110
100
Nu m b e r Of E q u a l Am p litu d e H a lf C y cle C u r rent Pu lses (N)
In itia l T
= 1 50 C
@ 60 H z 0.00 83 s
@ 50 H z 0.01 00 s
J
IR K.250.. Series
Per Ju n ctio n
At An y Ra te d Lo a d C o n d itio n A nd W ith
R a ted V
A p p lie d F o llo w ing Surg e.
RR M
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
6500
7000
0.01
0.1
1
Pu lse Tra in D uration (s)
M a xim um No n Re p e titive Surg e C urrent
In itial T
= 1 50 C
N o Vo ltag e R ea p p lied
Ra ted V
Rea p plied
RRM
V ersu s Pulse T ra in D u ra tio n .
J
IRK.2 50.. Series
Per Junctio n
10
100
1000
10000
0.51
1.52
2.53
3.54
T = 25 C
J
In stan ta n e o us Fo rw ard V o lta g e (V )
IRK.250 .. Series
Per Jun ctio n
T = 150 C
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Squ are W a ve Pulse Dura tio n (s)
IRK.250.. Series
Per Junctio n
Stead y State V a lue:
R
= 0.16 K /W
(D C O pe ra tio n )
thJC


Similar Part No. - IRKE270-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRKE270 ETC2-IRKE270 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - IRKE270-24

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com