Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKLE240 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKLE240
Description  MAGN-A-pak Power Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKLE240 Datasheet(HTML) 2 Page - International Rectifier

  IRKLE240 Datasheet HTML 1Page - International Rectifier IRKLE240 Datasheet HTML 2Page - International Rectifier IRKLE240 Datasheet HTML 3Page - International Rectifier IRKLE240 Datasheet HTML 4Page - International Rectifier IRKLE240 Datasheet HTML 5Page - International Rectifier IRKLE240 Datasheet HTML 6Page - International Rectifier IRKLE240 Datasheet HTML 7Page - International Rectifier IRKLE240 Datasheet HTML 8Page - International Rectifier IRKLE240 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRK.L240 Series
2
Bulletin I27094 rev. B 03/01
www.irf.com
Type number Voltage
t
rr
V
RRM , maximum repetitive
V
RSM , maximum non-repetitive
I
RRM max.
Code
Code
peak reverse voltage
peak reverse voltage
@ 150°C
VV
mA
06
S10
600
700
10
S10
1000
1100
IRK.L240
12
S20
1200
1300
50
14
S20
1400
1500
20
S30
2000
2100
25
S30
2500
2600
I
F(AV)
Max. average forward current
250
240
A
180o conduction, half sine wave
@ Case temperature
100
100
o
C
I
F(RMS) Max. RMS forward current
392
377
A
as AC switch
I
FSM
Max. peak, one-cycle forward,
8000
7500
A
t = 10ms No voltage
non-repetitive surge current
8400
7850
t = 8.3ms reapplied
6750
6300
t = 10ms 100% V
RRM
7100
6600
t = 8.3ms reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
322
280
KA2s
t = 10ms No voltage
Initial T
J = TJ max
294
256
t = 8.3ms reapplied
228
198
t = 10ms 100% V
RRM
208
181
t = 8.3ms reapplied
I2
√t
Maximum I2
√t for fusing
3220
2800
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
I
FM = 800, TJ = 150
o
C tp = 10 ms
Av. power = V
F(TO) x IF(AV) + rf x (IF(RMS))
2
S10/S20 S30
Voltage Ratings
ELECTRICAL SPECIFICATIONS
Forward Conduction
1.31
1.31
V
(I >
π x I
F(AV)), TJ = TJ max.
0.41
0.60
m
(I >
π x I
F(AV)), TJ = TJ max.
0.98
0.98
V
(16.7% x
π x I
F(AV) < I < π x IF(AV))TJ = TJ max
0.75
0.97
m
(16.7% x
π x I
F(AV) < I < π x IF(AV))TJ = TJ max
V
FM
Max. forward voltage drop
1.57
1.75
V
I
RRM
Max.peakreverseleakagecurrent
50
mA
T
J = 150
o
C, leakage current
V
INS
RMS isolation voltage
3000
V
50Hz, circuit to base, all terminals shorted, 25°C, t = 1s
Blocking
Parameter
IRK.L240
Units
Conditions


Similar Part No. - IRKLE240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL136-04 IRF-IRKL136-04 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-08 IRF-IRKL136-08 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-12 IRF-IRKL136-12 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-14 IRF-IRKL136-14 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-16 IRF-IRKL136-16 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRKLE240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com