Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKLJ240 Datasheet(PDF) 5 Page - International Rectifier

Part # IRKLJ240
Description  MAGN-A-pak Power Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKLJ240 Datasheet(HTML) 5 Page - International Rectifier

  IRKLJ240 Datasheet HTML 1Page - International Rectifier IRKLJ240 Datasheet HTML 2Page - International Rectifier IRKLJ240 Datasheet HTML 3Page - International Rectifier IRKLJ240 Datasheet HTML 4Page - International Rectifier IRKLJ240 Datasheet HTML 5Page - International Rectifier IRKLJ240 Datasheet HTML 6Page - International Rectifier IRKLJ240 Datasheet HTML 7Page - International Rectifier IRKLJ240 Datasheet HTML 8Page - International Rectifier IRKLJ240 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Bulletin I27094 rev. B 03/01
IRK.L240 Series
www.irf.com
Fig.3-ForwardPowerLossCharacteristics
Fig.4-ForwardPowerLossCharacteristics
Fig.5-MaximumNon-RepetitiveSurgeCurrent
Fig.6-MaximumNon-RepetitiveSurgeCurrent
Fig.7-CurrentRatingsCharacteristics
Fig.8-CurrentRatingsCharacteristics
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
A vera g e Forw ard C urrent (A )
RM S Lim it
Co nduc tio n Ang le
180
120
90
60
30
IRK .L240..S10/ S20 Se rie s
Pe r J un c tion T = 150 C
J
0
100
200
300
400
500
600
0
50
100 150 200 250 300 350 400
DC
180
120
90
60
30
RM S Lim it
C o nd uc tion P eriod
A vera g e Forw ard C urren t (A )
IR K.L240..S10/S20 Se rie s
T = 150 C Pe r Jun c tion
J
2000
3000
4000
5000
6000
7000
8000
110
100
Nu m b er O f E q u a l Am plitu d e Half C yc le C u rre n t Pu lse s (N )
IRK .L240..S10/ S20 Se rie s
Pe r Junc tion
In itial T = 150 C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At An y R a te d L o ad C ond ition An d W ith
R a te d V
A pp lie d Follo w in g Su rg e .
RRM
J
1500
2500
3500
4500
5500
6500
7500
8500
0.01
0.1
1
Pu ls e Train D u ra tio n (s)
M a ximum Non Rep etitive Surg e C urrent
Initia l T
= 150 C
N o V o lta ge R ea p p lied
Ra ted V
Rea p plied
Versu s Pulse T rain D u ra tio n .
RR M
IRK.L2 40..S10/S20 Series
Per Junctio n
J
80
90
100
110
120
130
140
150
0
50
100
150
200
250
30
60
90
120
180
Co nd uc tio n Ang le
A verage Fo rw a rd C urren t (A )
IRK .L240..S30 Se rie s
R
(D C ) = 0.125 K /W
thJC
80
90
100
110
120
130
140
150
0
50
100 150
200 250 300 350
400
DC
30
60
90
120
180
C o nd uc tion P eriod
Averag e Fo rw ard C urrent (A )
IRK .L240..S30 Se rie s
R
(D C ) = 0.125 K /W
thJC


Similar Part No. - IRKLJ240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL136-04 IRF-IRKL136-04 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-08 IRF-IRKL136-08 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-12 IRF-IRKL136-12 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-14 IRF-IRKL136-14 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKL136-16 IRF-IRKL136-16 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRKLJ240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
   MAGN-A-pak??Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com