Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XZCPA1141L2 Datasheet(PDF) 2 Page - Schneider Electric

Part # XZCPA1141L2
Description  pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 2m
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XZCPA1141L2 Datasheet(HTML) 2 Page - Schneider Electric

  XZCPA1141L2 Datasheet HTML 1Page - Schneider Electric XZCPA1141L2 Datasheet HTML 2Page - Schneider Electric XZCPA1141L2 Datasheet HTML 3Page - Schneider Electric XZCPA1141L2 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Offer Sustainability
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Contractual warranty
Warranty
18 months


Similar Part No. - XZCPA1141L2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCPA1141L10 SCHNEIDER-XZCPA1141L10 Datasheet
79Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 10m
XZCPA1141L5 SCHNEIDER-XZCPA1141L5 Datasheet
79Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 5m
More results

Similar Description - XZCPA1141L2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCPV1141L2 SCHNEIDER-XZCPV1141L2 Datasheet
79Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PVC 2m
XZCPV1164L2 SCHNEIDER-XZCPV1164L2 Datasheet
94Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 5 pins - cable PVC 2m
XZCPV11V12L2 SCHNEIDER-XZCPV11V12L2 Datasheet
79Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 5 pins - cable PVC 2m
XZCPA1241L2 SCHNEIDER-XZCPA1241L2 Datasheet
85Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 2m
XZCPV1241L2 SCHNEIDER-XZCPV1241L2 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 4 pins - cable PVC 2m
XZCPV1541L2 SCHNEIDER-XZCPV1541L2 Datasheet
97Kb / 4P
   pre-wired connectors XZ - straight male - M12 - 4 pins - cable PVC 2m
XZCPV0941L2 SCHNEIDER-XZCPV0941L2 Datasheet
107Kb / 4P
   pre-wired connectors XZ - straight female - M8 - 4 pins - cable PVC 2m
XZCP1169L2 SCHNEIDER-XZCP1169L2 Datasheet
85Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PUR 2m
XZCP1141L2 SCHNEIDER-XZCP1141L2 Datasheet
87Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PUR 2m
XZCPV12V12L2 SCHNEIDER-XZCPV12V12L2 Datasheet
90Kb / 4P
   pre-wired connectors XZ - elbowed female - M12 - 5 pins - cable PVC 2m
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com