Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD40L4812TF Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD40L4812TF
Description  4-Bit Single-Chip Microcomputer
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD40L4812TF Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD40L4812TF Datasheet HTML 5Page - Renesas Technology Corp HD40L4812TF Datasheet HTML 6Page - Renesas Technology Corp HD40L4812TF Datasheet HTML 7Page - Renesas Technology Corp HD40L4812TF Datasheet HTML 8Page - Renesas Technology Corp HD40L4812TF Datasheet HTML 9Page - Renesas Technology Corp HD40L4812TF Datasheet HTML 10Page - Renesas Technology Corp HD40L4812TF Datasheet HTML 11Page - Renesas Technology Corp HD40L4812TF Datasheet HTML 12Page - Renesas Technology Corp HD40L4812TF Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
HD404818 Series
7
Pin Functions
Power Supply
V
CC: Apply the VCC power supply voltage to this pin.
GND: Connect to ground.
TEST: For test purposes only. Connect it to V
CC.
RESET: MCU reset pin. Refer to the Reset section for details.
NUMG: Non-user pin. Connect it to GND.
NUMO: Non-user pin. Do not connect it to any lines.
Oscillators
OSC
1, OSC2: Internal oscillator input pins. They both can be connected to a crystal, ceramic resonator, or
external oscillator circuit. Refer to the Internal Oscillator Circuit section for details.
X1, X2: Watch oscillator 32-kHz crystal pins.
Ports
D
0–D13 (D Port): Fourteen 1-bit I/O ports. D0 to D9 are I/O ports and D 10 to D13 are input ports. D0–D9 are
high current output ports (15 mA max.). D
11–D13 are also available as voltage comparators. Refer to the
Input/Output section for details.
R0–R3 (R Ports): 4-bit I/O ports. R0
0, R01, R02, R31, R32, and R33 are multiplexed with SCK, SI, SO,
TIMO,
INT
0, and INT1, respectively.
Interrupts
INT
0, INT1: External interrupt pins. INT1 can be used as an external event input pin for timer B.
INT
0 and
INT
1 are multiplexed with R32 and R33, respectively. For details, see the Interrupts section.
Serial Interface
SCK, SI, SO: The transmit clock I/O pin (SCK), serial data input pin (SI), and serial data output pin (SO)
are used for serial interface.
SCK, SI, and SO are multiplexed with R0
0, R01, and R02, respectively. For
details, see the Serial Interface section.
Timer
TIMO: Variable duty-cycle pulse waveform output pin. See the Timer C section for details.


Similar Part No. - HD40L4812TF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD40L4814 HITACHI-HD40L4814 Datasheet
2Mb / 81P
   16-digit LCD driver
HD40L4814H HITACHI-HD40L4814H Datasheet
2Mb / 81P
   16-digit LCD driver
HD40L4818 HITACHI-HD40L4818 Datasheet
2Mb / 81P
   16-digit LCD driver
HD40L4818H HITACHI-HD40L4818H Datasheet
2Mb / 81P
   16-digit LCD driver
HD40L4818TF HITACHI-HD40L4818TF Datasheet
2Mb / 81P
   16-digit LCD driver
More results

Similar Description - HD40L4812TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com