Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKJ91 Datasheet(PDF) 3 Page - International Rectifier

Part # IRKJ91
Description  ADD-A-pak GEN V Power Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKJ91 Datasheet(HTML) 3 Page - International Rectifier

  IRKJ91 Datasheet HTML 1Page - International Rectifier IRKJ91 Datasheet HTML 2Page - International Rectifier IRKJ91 Datasheet HTML 3Page - International Rectifier IRKJ91 Datasheet HTML 4Page - International Rectifier IRKJ91 Datasheet HTML 5Page - International Rectifier IRKJ91 Datasheet HTML 6Page - International Rectifier IRKJ91 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRK.91 Series
3
Bulletin I27141 rev. F 10/02
www.irf.com
T
J
Max. junction operating temperature range
-40 to 150
T
stg
Storage temperature range
-40 to 150
RthJC
Max. thermal resistance, junction to case
0.35
Per junction, DC operation
RthCS
Typical thermal resistance, case to heatsink
0.1
Mounting surface flat, smooth and greased
T
Mounting torque ±10%
to heatsink
5
busbar
4
wt
Approximate weight
110 (4)
g (oz)
Case style
TO-240AA
JEDEC
Parameter
IRK.91
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
A mounting compound is recommended and the
torque should be rechecked after a period of 3 hours
to allow for the spread of the compound
Nm
Sine half wave conduction
Rect. wave conduction
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.91
0.052
0.064
0.082
0.112
0.164
0.043
0.069
0.088
0.115
0.165
°C/W
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
IRK
D
91
/
16
A
1
2
3
Device Code
4
Ordering Information Table
1
-
Module type
2
-
Circuit configuration (See Circuit Configuration Table)
3
-
Current code
4
-
Voltage code (See Voltage Ratings Table)
5
-
A: Gen V
5


Similar Part No. - IRKJ91

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKJ91/04A IRF-IRKJ91/04A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKJ91/06A IRF-IRKJ91/06A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKJ91/08A IRF-IRKJ91/08A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKJ91/10A IRF-IRKJ91/10A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKJ91/12A IRF-IRKJ91/12A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
More results

Similar Description - IRKJ91

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKC91 IRF-IRKC91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKE56 IRF-IRKE56 Datasheet
173Kb / 9P
   ADD-A-pak GEN V Power Modules
IRK71 IRF-IRK71 Datasheet
244Kb / 10P
   ADD-A-pak GEN V Power Modules
IRK-71 IRF-IRK-71 Datasheet
238Kb / 10P
   ADD - A - pak-TM GEN V Power Modules
IRK2.6 IRF-IRK2.6 Datasheet
155Kb / 8P
   ADD-A-pak-TM GEN V Power Modules
IRKV105 IRF-IRKV105 Datasheet
117Kb / 8P
   ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
IRKT.71 IRF-IRKT.71 Datasheet
237Kb / 10P
   ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU41 IRF-IRKU41 Datasheet
178Kb / 9P
   ADD-A-pakTM GEN V Power Modules
IRK.26 IRF-IRK.26 Datasheet
150Kb / 8P
   ADD-A-pakTM GEN V Power Modules
IRKU105 IRF-IRKU105 Datasheet
121Kb / 8P
   ADD-A-pakTM GEN V Power Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com