Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81C2012A Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # HMS81C2012A
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS81C2012A Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button HMS81C2012A Datasheet HTML 89Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 90Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 91Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 92Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 93Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 94Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 95Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 96Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
HMS81C2012A/2020A
SEP. 2004 Ver 2.00
89
Figure 21-4 Timing Diagram in READ Mode
Parameter
Symbol
MIN
TYP
MAX
Unit
Programming Supply Current
IVPP
--
50
mA
Supply Current in EPROM Mode
IVDDP
--
20
mA
VPP Level during Programming
VIHP
11.5
12.0
12.5
V
VDD Level in Program Mode
VDD1H
56
6.5
V
VDD Level in Read Mode
VDD2H
-2.7
-
V
CTL3~0 High Level in EPROM Mode
VIHC
0.8VDD
--
V
CTL3~0 Low Level in EPROM Mode
VILC
--
0.2VDD
V
A_D7~A_D0 High Level in EPROM Mode
VIHAD
0.9VDD
--
V
A_D7~A_D0 Low Level in EPROM Mode
VILAD
--
0.1VDD
V
VDD Saturation Time
TVDDS
1-
-
mS
VPP Setup Time
TVPPR
--
1
mS
VPP Saturation Time
TVPPS
1-
-
mS
EPROM Enable Setup Time after Data Input
TSET1
200
nS
EPROM Enable Hold Time after TSET1
THLD1
500
nS
Table 21-2 AC/DC Requirements for Program/Read Mode
VPP
CTL0/1
High 8bit
HA
LA
DATA
LA
DATA
DATA
EPROM
Enable
CTL2
CTL3
A_D7~
VDD
VDD2H
0V
0V
0V
Address
Input
Low 8bit
Address
Input
DATA
A_D0
TVDDS
TVPPR
TVPPS
VDD2H
VDD2H
VIHP
THLD1
THLD2
TSET1
TDLY1
TDLY2
TCD1
TCD2
TCD2
TCD1
HA
LA
Output
Low 8bit
Address
Input
High 8bit
Address
Input
Low 8bit
Address
Input
DATA
Output
DATA
Output
After input a high address,
output data following low address input
Anothe high address step


Similar Part No. - HMS81C2012A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C4260 HYNIX-HMS81C4260 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360 HYNIX-HMS81C4360 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360SK HYNIX-HMS81C4360SK Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C43XX HYNIX-HMS81C43XX Datasheet
1Mb / 100P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
HMS81C4460 HYNIX-HMS81C4460 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS81C2012A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2020 HYNIX-GMS81C2020 Datasheet
1Mb / 92P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
NEC
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com