Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81C2012A Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # HMS81C2012A
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS81C2012A Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button HMS81C2012A Datasheet HTML 18Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 19Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 20Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 21Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 22Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 23Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 24Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 25Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
HMS81C2012A/2020A
18
SEP. 2004 Ver 2.00
7.6 AC Characteristics
(TA=-40~ 85°C, VDD=5V±10%, VSS=0V)
Figure 7-1 Timing Chart
Parameter
Symbol
Pins
Specifications
Unit
Min.
Typ.
Max.
Operating Frequency
fCP
XIN
1
-
8
MHz
External Clock Pulse Width
tCPW
XIN
80
-
-
nS
External Clock Transition Time
tRCP,tFCP
XIN
-
-
20
nS
Oscillation Stabilizing Time
tST
XIN, XOUT
-
-
20
mS
External Input Pulse Width
tEPW
INT0, INT1, EC0
2
-
-
tSYS
External Input Pulse Transi-
tion Time
tREP,tFEP
INT0, INT1, EC0
-
-
20
nS
RESET Input Width
tRST
RESET
8-
-
tSYS
tRCP
tFCP
XI
INT0, INT1
0.5V
VDD-0.5V
0.2VDD
RESETB
tREP
tFEP
0.2VDD
0.8VDD
EC0
tRST
tEPW
tEPW
1/fCP
tCPW
tCPW
tSYS


Similar Part No. - HMS81C2012A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C4260 HYNIX-HMS81C4260 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360 HYNIX-HMS81C4360 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360SK HYNIX-HMS81C4360SK Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C43XX HYNIX-HMS81C43XX Datasheet
1Mb / 100P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
HMS81C4460 HYNIX-HMS81C4460 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS81C2012A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2020 HYNIX-GMS81C2020 Datasheet
1Mb / 92P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
NEC
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com