Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D224RPI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D224RPI
Description  2W, High Isolation, SIP Regulated, Short Circuit Protected DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D224RPI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D224RPI Datasheet HTML 1Page - List of Unclassifed Manufacturers D224RPI Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes: All dimensions are typical in inches
(mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation
on the side of the unit
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201RPI
5
4.5 - 5.5
606
80
5.0
400.0
40.0
66
1,000
D202RPI
5
4.5 - 5.5
606
80
9.0
222.0
22.0
66
1,000
D203RPI
5
4.5 - 5.5
571
80
12.0
167.0
17.0
70
1,000
D204RPI
5
4.5 - 5.5
571
80
15.0
133.0
13.0
70
1,000
D205RPI
5
4.5 - 5.5
588
80
24.0
83.0
10.0
68
1,000
D211RPI
12
10.8 - 13.2
253
45
5.0
400.0
40.0
66
500
D212RPI
12
10.8 - 13.2
253
45
9.0
222.0
22.0
66
500
D213RPI
12
10.8 - 13.2
238
45
12.0
167.0
17.0
70
500
D214RPI
12
10.8 - 13.2
238
45
15.0
133.0
13.0
70
500
D215RPI
12
10.8 - 13.2
246
45
24.0
83.0
10.0
68
500
D221RPI
24
21.6 - 26.4
130
25
5.0
400.0
40.0
64
200
D222RPI
24
21.6 - 26.4
130
25
9.0
222.0
22.0
64
200
D223RPI
24
21.6 - 26.4
122
25
12.0
167.0
17.0
68
200
D224RPI
24
21.6 - 26.4
122
25
15.0
133.0
13.0
68
200
D225RPI
24
21.6 - 26.4
118
25
24.0
83.0
10.0
70
200
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 fax: (781) 344 - 8481
Mechanical Dimensions
MicroPower
Direct
Pin
Function
1+Vin
2-Vin
3NC
9NC
10
-Vout
11
+Vout
12
NC
NC: No Connection
Pin Connections
μF Max
470
Capacitive Load
Model Selection Guide
Notes:
1
. These units do not require external como-
nents to operate, but the use of an input
capacitor (10 µF) may enhance perfor-
mance in some applications. An output
capacitor (4.7 µF to 10 µF) may be used to
reduce ripple.
Derating Curve
-25
-10
0
5
10
15
20
30
40
50
60
70
80
85
0
20
40
60
80
100
Ambient Temperature
1C
12
12
0.08
(2.13)
1.26 (32.00)
0.10
(2.5)
5.5
(14.00)
0.02
(0.50)
0.13
(3.40)
Bottom
Side
0.32
(8.00)
0.60 (15.24)
11
10
39
0.02
(0.50)
0.01
(0.30)
0.03
(0.68)


Similar Part No. - D224RPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D224RP ETC1-D224RP Datasheet
91Kb / 2P
   Short Circuit Protected Regulated, 2W SIP DC/DC Converters
More results

Similar Description - D224RPI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221RP ETC1-D221RP Datasheet
91Kb / 2P
   Short Circuit Protected Regulated, 2W SIP DC/DC Converters
D301RP ETC1-D301RP Datasheet
101Kb / 2P
   Short Circuit Protected Regulated, 3W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200I MPD-D200I Datasheet
197Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
E200I MPD-E200I Datasheet
171Kb / 2P
   High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
   Low Cost, 2W High Isolation SIP DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPB-2W TOPPOWER-TPB-2W Datasheet
154Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com