Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D211RW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D211RW
Description  Miniature SIP, 2W Wide Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D211RW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D211RW Datasheet HTML 1Page - List of Unclassifed Manufacturers D211RW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 * fax: (781) 344 - 8481
MicroPower
Direct
Capacitive Load
Model Selection Guide
Derating Curve
75
0
20
40
60
80
100
-40
-20
0
15
30
50
60
70
80
85
90
95
100
Ambient Temperature (°C)
100 LFM
200 LFM
400 LFM
Free Air
Mechanical Dimensions
0.37
(9.3)
0.86 (21.8)
3
56
12
0.70 (17.8)
0.10
(2.5)
0.02
(0.5)
0.01
(0.25)
0.02
(0.5)
0.44
(11.1)
0.126
(3.2)
0.05
(1.25)
Bottom View
Side View
78
0.08
(2.0)
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201RW
5
4.5 - 9.0
471
40
3.3
500.0
125.0
70
1,500
D202RW
5
4.5 - 9.0
548
40
5.0
400.0
100.0
73
1,500
D203RW
5
4.5 - 9.0
534
40
12.0
167.0
42.0
75
1,500
D211RW
12
9.0 - 18.0
184
20
3.3
500.0
125.0
73
700
D212RW
12
9.0 - 18.0
217
20
5.0
400.0
100.0
77
700
D213RW
12
9.0 - 18.0
209
20
12.0
167.0
42.0
80
700
D221RW
24
18.0 - 36.0
96
10
3.3
500.0
125.0
72
350
D222RW
24
18.0 - 36.0
109
10
5.0
400.0
100.0
77
350
D223RW
24
18.0 - 36.0
103
10
12.0
167.0
42.0
81
350
D231RW
48
36.0 - 75.0
49
8
3.3
500.0
125.0
71
135
D232RW
48
36.0 - 75.0
57
8
5.0
400.0
100.0
73
135
D233RW
48
36.0 - 75.0
53
8
12.0
167.0
42.0
79
135
Notes:
1. When measuring output ripple, it is recommended
that an external 0.47
µF ceramic capacitor be
placed from the +Vout pin to the -Vout pin.
2. Transient recovery is measured to within a 1% er-
ror band for a load step change of 50 to 100%.
3. Operation at no-load will not damage these units.
However, they may not meet all specifications.
To maintain specified operation, the minimum
output loading given in the table above must be
maintained.
4. It is recommended that a fuse be used on the
input of a power supply for protection. See the
table above for the correct rating.
Pin
Function
1-Vin
2+Vin
3
Remote ON/OFF
5
No Function
6+Vout
7-Vout
8
No Function
Pin Connections
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the side of the unit
• Leads are tin plated for improved solderability.
Parameter
Min
Max
Supply On
Under 1 VDC or Open Circuit
Supply Off
2.7 VDC
Standby Input Current
0.2 mA
Control Input Current (On)
-0.4 mA
Control Input Current (Off)
1 mA
Control Common
Referenced to -Vin (pin 1)
Remote ON/OFF
Models (Vout)
3.3V
5V
12V
Units
Max. Capacitive Load
2,200
1,000
170
µF


Similar Part No. - D211RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D211RW MPD-D211RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
More results

Similar Description - D211RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
LF200RW MPD-LF200RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
   2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
   Compact MiniDIP, 2W Wide Input Range DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
MD200MEHI MPD-MD200MEHI Datasheet
439Kb / 3P
   Miniature, 2W SIP Medical Approved DC/DC Converters
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200ERU MPD-D200ERU Datasheet
205Kb / 2P
   Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com