Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D780232 Datasheet(PDF) 9 Page - NEC

Part # D780232
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D780232 Datasheet(HTML) 9 Page - NEC

Back Button D780232 Datasheet HTML 5Page - NEC D780232 Datasheet HTML 6Page - NEC D780232 Datasheet HTML 7Page - NEC D780232 Datasheet HTML 8Page - NEC D780232 Datasheet HTML 9Page - NEC D780232 Datasheet HTML 10Page - NEC D780232 Datasheet HTML 11Page - NEC D780232 Datasheet HTML 12Page - NEC D780232 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
µPD780232
Data Sheet U13415EJ2V0DS
3. PIN FUNCTIONS
3.1 Port Pins
Pin Name
I/O
Function
After
Alternate
Reset
Function
P00
I/O
Port 0.
Input
INTP0
3-bit I/O port.
P01
Input/output can be specified in 1-bit units.
INTP1
When used as an input port, an on-chip pull-up resistor can be specified
P02
by software.
TI
P20
I/O
Port 2.
Input
SCK3
P21
8-bit I/O port.
SO3
P22, P23
Input/output can be specified in 1-bit units.
P24
When used as an input port, an on-chip pull-up resistor can be specified
BUSY
P25
by software.
SO1
P26
SI1
P27
SCK1
P30 to P37
Output
Port 3.
Output
FIP24 to FIP31
P-ch open-drain 8-bit high-tolerance output port.
A pull-down resistor can be incorporated in 1-bit units to VLOAD by mask
option.
P40 to P47
Output
Port 4.
Output
FIP32 to FIP39
P-ch open-drain 8-bit high-tolerance output port.
A pull-down resistor can be incorporated in 1-bit units to VLOAD by mask
option.
P50 to P57
I/O
Port 5.
Input
FIP40 to FIP47
P-ch open-drain 8-bit high-tolerance I/O port.
Input/output can be specified in 1-bit units.
A pull-down resistor can be incorporated in 1-bit units by mask option
(Connection to VLOAD or VSS0 can be specified in 1-bit units).
P60 to P64
I/O
Port 6.
Input
FIP48 to FIP52
P-ch open-drain 5-bit high-tolerance I/O port.
Input/output can be specified in 1-bit units.
A pull-down resistor can be incorporated in 1-bit units by mask option
(Connection to VLOAD or VSS0 can be specified in 1-bit units).


Similar Part No. - D780232

ManufacturerPart #DatasheetDescription
logo
NEC
D780206GF NEC-D780206GF Datasheet
2Mb / 418P
   8-Bit Single-Chip Microcontrollers
D780226GF NEC-D780226GF Datasheet
1Mb / 47P
   MOS INTERGRATED CIRCUIT
More results

Similar Description - D780232

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com