Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D780232 Datasheet(PDF) 4 Page - NEC

Part # D780232
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D780232 Datasheet(HTML) 4 Page - NEC

  D780232 Datasheet HTML 1Page - NEC D780232 Datasheet HTML 2Page - NEC D780232 Datasheet HTML 3Page - NEC D780232 Datasheet HTML 4Page - NEC D780232 Datasheet HTML 5Page - NEC D780232 Datasheet HTML 6Page - NEC D780232 Datasheet HTML 7Page - NEC D780232 Datasheet HTML 8Page - NEC D780232 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
µPD780232
Data Sheet U13415EJ2V0DS
FUNCTION OVERVIEW
Item
Function
Internal memory
ROM
16 KB
High-speed RAM
768 bytes
Buffer RAM
32 bytes
VFD display RAM
112 bytes
General-purpose register
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
• On-chip minimum instruction execution time variable function
• 0.4
µs/0.8 µs/1.6 µs/3.2 µs/6.4 µs (@ 5.0 MHz operation with system clock)
Instruction set
• Multiply/divide (8 bits
× 8 bits, 16 bits ÷ 8 bits)
• Bit manipulation (set, reset, test, Boolean operation)
I/O ports
Total:
40
(including alternate-function pins for VFD) • CMOS I/Os:
11
• P-ch open-drain I/Os:
13
• P-ch open-drain outputs: 16
VFD controller/driver
Total of display outputs: 53
• 15 mA display current: 20
• 5 mA display current:
33
A/D converter
• 8-bit resolution
× 4 channels
• Power supply voltage: AVDD = 4.5 to 5.5 V
Serial interface
• 3-wire serial mode (automatic transmit/receive function): 1 channel
• 2-wire serial mode (transmit only):
1 channel
Timer
• 8-bit remote control timer: 1 channel
• 8-bit timer:
2 channels
• Watchdog timer:
1 channel
Vectored interrupt
Maskable
Internal: 10, external: 2
sources
Non-maskable
Internal: 1
Software
1
Power supply voltage
VDD = 4.5 to 5.5 V
Package
80-pin plastic QFP (14
× 14)


Similar Part No. - D780232

ManufacturerPart #DatasheetDescription
logo
NEC
D780206GF NEC-D780206GF Datasheet
2Mb / 418P
   8-Bit Single-Chip Microcontrollers
D780226GF NEC-D780226GF Datasheet
1Mb / 47P
   MOS INTERGRATED CIRCUIT
More results

Similar Description - D780232

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com