Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4494N Datasheet(PDF) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # AM4494N
Description  N-Channel MOSFET uses advanced SGT technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4494N Datasheet(HTML) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4494N Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4494N Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4494N Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4494N Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 5, Drain-source breakdown voltage
Figure 6, Drain-source on-state resistance
-50
0
50
100
150
100
105
110
115
120
T
j, Junction temperature (℃)
I
D = 250 μA
V
GS = 0 V
-50
0
50
100
150
0.0
5.0
10.0
15.0
20.0
I
D = 12 A
V
GS = 10 V
T
j, Junction Temperature (℃)
Figure 7, Forward characteristic of body diode
Figure 8, Drain-source on-state resistance
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
T
j = 25 ℃
V
SD, Source-Drain voltage (V)
50
100
150
200
0.0
10.0m
20.0m
30.0m
40.0m
50.0m
10 V
6.5 V
6 V
5.5 V
5 V
V
GS=4 V
4.5 V
I
D, Drain current(A)
0.1
1
10
100
0.01
0.1
1
10
100
V
DS, Drain-source voltage(V)
10 μs
DC
10 ms
1 ms
100 μs
R
DS(ON) Limited
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
T
C, Case Temperature (℃)
AM4494N
Figure 9, Drain current
Figure 10, Safe operation area TC=25 ℃
4
0086-0755-8278-9056
www.doingter.cn


Similar Part No. - AM4494N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4494N ANALOGPOWER-AM4494N Datasheet
361Kb / 5P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AM4494N

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTD20N10J3 DOINGTER-MTD20N10J3 Datasheet
862Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
P60B4EL DOINGTER-P60B4EL Datasheet
2Mb / 6P
   N-Channel MOSFET uses advanced SGT technology
P60B6EL DOINGTER-P60B6EL Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
PE80N80 DOINGTER-PE80N80 Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
SSD40N10-30D DOINGTER-SSD40N10-30D Datasheet
862Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
STU630S DOINGTER-STU630S Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
STP240N10F7 DOINGTER-STP240N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
UNA10R180HL-TN3-R DOINGTER-UNA10R180HL-TN3-R Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
SM1A06NSU DOINGTER-SM1A06NSU Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
SM1C01NSF DOINGTER-SM1C01NSF Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
STU45N01 DOINGTER-STU45N01 Datasheet
862Kb / 4P
   N-Channel MOSFET uses advanced SGT technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com