Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM90N06-10P Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # AM90N06-10P
Description  N-Channel MOSFET uses advanced trench technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM90N06-10P Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM90N06-10P Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM90N06-10P Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM90N06-10P Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM90N06-10P Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM90N06-10P Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.doingter.cn
1
Description:
This N-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=60V,ID=68 A,RDS(ON)<10mΩ@VGS=10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current-TC=25℃
1
68
A
Continuous Drain Current-TC=100℃
---
Pulsed Drain Current
2
204
EAS
Single Pulse Avalanche Energy
4
91
mJ
PD
Power Dissipation,
TC=25℃
81
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
1.54
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
5
62
D S
G
AM90N06-10P


Similar Part No. - AM90N06-10P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90N06-10P ANALOGPOWER-AM90N06-10P Datasheet
355Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM90N06-10P-T1-PF VBSEMI-AM90N06-10P-T1-PF Datasheet
949Kb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90N06-10PCFM ANALOGPOWER-AM90N06-10PCFM Datasheet
58Kb / 2P
   N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM90N06-10PCFM VBSEMI-AM90N06-10PCFM Datasheet
949Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM90N06-10P

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
DC006NG DOINGTER-DC006NG Datasheet
827Kb / 4P
   N-Channel MOSFET uses advanced trench technology
DC022NG DOINGTER-DC022NG Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
FH070NR DOINGTER-FH070NR Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJP07N65 DOINGTER-CJP07N65 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
CEP93A3 DOINGTER-CEP93A3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJPF12N65 DOINGTER-CJPF12N65 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
CJU50N06 DOINGTER-CJU50N06 Datasheet
1,014Kb / 4P
   N-Channel MOSFET uses advanced trench technology
APM2055NU DOINGTER-APM2055NU Datasheet
965Kb / 5P
   N-Channel MOSFET uses advanced trench technology
APM4030BNU DOINGTER-APM4030BNU Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
DKI06261 DOINGTER-DKI06261 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
STP454 DOINGTER-STP454 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com