Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA719 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SA719
Description  Silicon PNP epitaxial planer type(For low-frequency power amplification and driver amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA719 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SA719 Datasheet HTML 1Page - Panasonic Semiconductor 2SA719 Datasheet HTML 2Page - Panasonic Semiconductor 2SA719 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transistor
2SA719, 2SA720
0
200
160
40
120
80
1
10
102
103
104
V
CE=–10V
Ambient temperature Ta (˚C)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
Single pulse
Ta=25˚C
t=10ms
t=1s
I
CP
I
C
Collector to emitter voltage V
CE
(V)
ICEO — Ta
Area of safe operation (ASO)


Similar Part No. - 2SA719

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA719 PANASONIC-2SA719 Datasheet
67Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SA719 PANASONIC-2SA719 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
logo
List of Unclassifed Man...
2SA719 ETC1-2SA719 Datasheet
49Kb / 1P
   Si PNP Epitaxial Planar
logo
SeCoS Halbleitertechnol...
2SA719 SECOS-2SA719 Datasheet
513Kb / 3P
   PNP Plastic Encapsulated Transistor
logo
Foshan Blue Rocket Elec...
2SA719 FOSHAN-2SA719 Datasheet
865Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - 2SA719

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1317 PANASONIC-2SC1317 Datasheet
67Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SA720A PANASONIC-2SA720A Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SA777 PANASONIC-2SA777 Datasheet
46Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SB789 PANASONIC-2SB789 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SC4208 PANASONIC-2SC4208 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SB873 PANASONIC-2SB873 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency power amplification)
2SC3940 PANASONIC-2SC3940 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SB1050 PANASONIC-2SB1050 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com