Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD1132Q Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. CXD1132Q
Description  C-MOS TIME CODE GENERATOR / READER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

CXD1132Q Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CXD1132Q(4/4)
S1
SLCK
SLLM
STBY
STOP
TCIN
TST1 - TST3
VCEI
VDO
VITC
VTGO
VTO
SIGNAL FORMAT SELECT INPUT
“H” : NTSC/PAL-M 29.94Hz 525LINE
“L” : PAL/SECAM
25Hz 625LINE
SELECT CLOCK INPUT
READ SIZE SELECT INPUT
STANDBY READ FLAG INPUT
STOP OUTPUT (“L” : STOP)
LONGITUDINAL TIME AND CONTROL CODE INPUT
TEST INPUTS
LTC CLOCK INPUT
HORIZONTAL SYNC DRIVE OUTPUT
VITC SIGNAL INPUT
VITC GATE SIGNAL OUTPUT
VITC SIGNAL OUTPUT (“H” : VITC)
SLCK
CKIN
SPEC
14.318 MHz
SMPTE
“L”
14.5 MHz
EBU
7.159 MHz
SMPTE
“H”
7.25 MHz
EBU


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICS2008BSMPTE Time Code Receiver/Generator 1 2 3 4 5 MoreIntegrated Circuit Systems
AK2125Receiver/ Demodulator for time code signals transmitted by the transmitter DCF77 Germany MSF UK or WWVB USA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HBCS-A998Bar Code Reader Tips and Optical Nest Assembly 1 2 3 Agilent(Hewlett-Packard)
HBSW-8000Hewlett-Packard SmartWand Bar Code Reader 1 2 3 4 5 Agilent(Hewlett-Packard)
U4224BTime Code Receiver 1 2 3 4 5 MoreTEMIC Semiconductors
HD14566BIndustrial Time Base Generator 1 2 3 4 5 Hitachi Semiconductor
ML6190ALongwave Time Code RF Receiver LSI 1 2 3 4 5 MoreOKI electronic componets
CX7968AC-MOS COLOR BAR GENERATOR 1 2 3 List of Unclassifed Manufacturers
LA1650Time Code Reception ICs 1 2 3 4 5 MoreSanyo Semicon Device
ML6190BLongwave Time Code RF Receiver LSI 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn