Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXD1132Q Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. CXD1132Q
Description  C-MOS TIME CODE GENERATOR / READER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

CXD1132Q Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CXD1132Q(3/4)
SIGNAL DESCRIPTION
BA0 - BA2
BCS
BD0 - BD7
BRD
BUSY
BWR
C1MI
C1MO
C2MI
C2MO
CCS
CDIR
CKIN
CKO
CRD
CTLI
CWR
D0 - D7
DA0 - DA3
DATA
DCLK
DSP
DTSE
DWR
EA4
FLD1
FRMI
FRMO
GCSI
GLSY
HDI
HDO
INT
LPR
LRES
LSHO
LTCO
PON
RCSI
RDSY
RESS
RFLD
RTIM
RVDO
B ADDRESS INPUTS
B CHIP ENABLE INPUT (“L” : ENABLE)
B DATA I/O
B READ INPUT (“L” : READ)
B BUSY OUTPUT
B WRITE INPUT (“L” : WRITE)
SYSTEM CLOCK INPUT
CLOCK 1 OUTPUT (CKIN
x 1/16)
LTC READ CLOCK INPUT
CLOCK 2 OUTPUT (CKIN
x 1/8)
C CHIP ENABLE INPUT (“L” : ENABLE) (when DSP is low)
ADDRESS LATCH ENABLE INPUT (“L” : ENABLE) (when DSP is high)
CTL DIRECTION INPUT
SYSTEM CLOCK INPUT
CLOCK OUTPUT
C READ INPUT (“L” : READ)
CTL SIGNAL INPUT
C WRITE INPUT (“L” : WRITE)
DATA I/O (when DSP is low)/
ADDRESS INPUTS
E ADDRESS INPUTS (when DSP is high)
D ADDRESS OUTPUT (when DSP is low)
DEMODULATED SERIAL DATA OUTPUT
DEMODULATED CLOCK OUTPUT
DISPLAY BUS SELECT INPUT
DSP controls CCS, DA0-DA3 and DVR.
VITC DATA SEARCH FLAG OUTPUT
WRITE ENABLE OUTPUT (“L” : ENABLE) (when DSP is low)
E ADDRESS 4 INPUT (when DSP is high)
ADDRESS BUS INPUT
FIELD REFERENCE INPUT (“L” : FILD 1)
FRAME SIGNAL INPUT
FRAME SIGNAL OUTPUT
COMPOSITE SYNC INPUT
LOST SYNC FLAG OUTPUT
HORIZONTAL SYNC INPUT
HORIZONTAL SYNC OUTPUT
ITERRUPT REQUEST OUTPUT
LTC READ REQUEST OUTPUT
LTC COUNTER RESET INPUT (“L” : RESET)
SYNCHRONOUS SIGNAL OUTPUT
LTC SIGNAL OUTPUT
SYSTEM RESET INPUT (“L” : PON)
COMPOSITE SYNC INPUT
READ SYNC WORD DATA OUTPUT
RESET INPUT (“L” : RTIM)
FIELD DATA OUTPUT
TIME ADDRESS RESET INPUT (“L” : RESET)
VITC READ DATA OUTPUT
VIDEO SIGNAL FORMAT
SMPTE 29.97 Hz 525LINE
EBU 25 Hz 625LINE
CKIN
14.318 MHz
14.500 MHz


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICS2008BSMPTE Time Code Receiver/Generator 1 2 3 4 5 MoreIntegrated Circuit Systems
AK2125Receiver/ Demodulator for time code signals transmitted by the transmitter DCF77 Germany MSF UK or WWVB USA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HBCS-A998Bar Code Reader Tips and Optical Nest Assembly 1 2 3 Agilent(Hewlett-Packard)
HBSW-8000Hewlett-Packard SmartWand Bar Code Reader 1 2 3 4 5 Agilent(Hewlett-Packard)
U4224BTime Code Receiver 1 2 3 4 5 MoreTEMIC Semiconductors
HD14566BIndustrial Time Base Generator 1 2 3 4 5 Hitachi Semiconductor
ML6190ALongwave Time Code RF Receiver LSI 1 2 3 4 5 MoreOKI electronic componets
CX7968AC-MOS COLOR BAR GENERATOR 1 2 3 List of Unclassifed Manufacturers
LA1650Time Code Reception ICs 1 2 3 4 5 MoreSanyo Semicon Device
ML6190BLongwave Time Code RF Receiver LSI 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn