Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1382CV25-167AI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1382CV25-167AI
Description  512K x 36/1M x 18 Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382CV25-167AI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1382CV25-167AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1382CV25-167AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1382CV25-167AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1382CV25-167AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1382CV25-167AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1382CV25-167AI Datasheet HTML 12Page - Cypress Semiconductor CY7C1382CV25-167AI Datasheet HTML 13Page - Cypress Semiconductor CY7C1382CV25-167AI Datasheet HTML 14Page - Cypress Semiconductor CY7C1382CV25-167AI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
PRELIMINARY
Document #: 38-05240 Rev. *A
Page 11 of 33
Notes:
5.
The SRAM always initiates a read cycle when ADSP asserted, regardless of the state of GW, BWE, or BWx. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to three-state. OE is a
“don't care” for the remainder of the write cycle.
6.
OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQ = High-Z when OE is inactive or
when the device is deselected, and DQ = data when OE is active.
Write Cycle Descriptions[1, 5, 6]
Function (1380CV25)
GW
BWE
BWdBWcBWbBWa
Read
1
1
XX
XX
Read
10
11
11
Write Byte 0 – DQa
1
01
11
0
Write Byte 1 – DQb
1
01
10
1
Write Bytes 1, 0
1
01
10
0
Write Byte 2 – DQc
1
01
01
1
Write Bytes 2, 0
1
01
01
0
Write Bytes 2, 1
1
01
00
1
Write Bytes 2, 1, 0
1
0
1
0
0
0
Write Byte 3 – DQd
1
00
11
1
Write Bytes 3, 0
1
00
11
0
Write Bytes 3, 1
1
00
10
1
Write Bytes 3, 1, 0
1
0
0
1
0
0
Write Bytes 3, 2
1
00
01
1
Write Bytes 3, 2, 0
1
0
0
0
1
0
Write Bytes 3, 2, 1
1
0
0
0
0
1
Write All Bytes
1
0
0
0
0
0
Write All Bytes
0
X
X
X
X
X
Function (1382CV25)
GW
BWE
BWbBWa
Read
1
1
X
X
Read
1
0
1
1
Write Byte 0 – DQ[7:0] and DP0
10
1
0
Write Byte 1 – DQ[15:8] and DP1
10
0
1
Write All Bytes
1
0
0
0
Write All Bytes
0
X
X
X


Similar Part No. - CY7C1382CV25-167AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382CV25-167AI CYPRESS-CY7C1382CV25-167AI Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1382CV25-167AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com