Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN9260XA-2-06-Y Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN9260XA-2-06-Y
Description  General Purpose Power Entry Module with Fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN9260XA-2-06-Y Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN9260XA-2-06-Y Datasheet HTML 1Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 2Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 3Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 4Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 5Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
EMC/EMI Products
Schaffner Group Datasheets 30 Oct 2020
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
FN 261/ FN 9260: 1 A type
FN 261/ FN 9260: 2 A type
FN 261/ FN 9260: 4 A type
FN 261/ FN 9260: 6 and 10 A types
Mechanical data
FN 9260/FN 261
FN 9260 S/FN 261 S
Panel cut out
Installation


Similar Part No. - FN9260XA-2-06-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9260 ETC2-FN9260 Datasheet
192Kb / 2P
   General-purpose power entry module
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260S ETC2-FN9260S Datasheet
192Kb / 2P
   General-purpose power entry module
More results

Similar Description - FN9260XA-2-06-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
   General Purpose Power Entry Module with Fuses
logo
Schaffner International...
FN-9264 SCHAFFNER-FN-9264 Datasheet
2Mb / 6P
   General Purpose Power Entry Module with Switch
logo
List of Unclassifed Man...
FN261-10-06 ETC2-FN261-10-06 Datasheet
192Kb / 2P
   General-purpose power entry module
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
   General purpose power entry module with mains switch
logo
Schaffner International...
FN-9262 SCHAFFNER-FN-9262 Datasheet
848Kb / 5P
   High Performance Power Entry Module with Fuses
logo
Littelfuse
KLNR LITTELFUSE-KLNR Datasheet
188Kb / 2P
   General Purpose Fuses
KLLU LITTELFUSE-KLLU Datasheet
193Kb / 3P
   General Purpose Fuses
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
   Power Entry Module with Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com