Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN9260XA-2-06-Y Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN9260XA-2-06-Y
Description  General Purpose Power Entry Module with Fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN9260XA-2-06-Y Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN9260XA-2-06-Y Datasheet HTML 1Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 2Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 3Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 4Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 5Page - Schaffner International Ltd FN9260XA-2-06-Y Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 30 Oct 2020
Filter selection table
Filter
Buy
Rated current
Leakage current*
Inductance**
Capacitance**
Resistance**
Input/Output
Fuses***
Weight
@ 40°C (25°C)
@ 250 VAC/50 Hz
L
Cx
Cy
R
connections
(@ 120 VAC/60 Hz)
[A]
[mA]
[mH]
[μF]
[nF]
[kΩ]
[Qty]
[g]
FN9260x-1-06-y
1 (1.2)
0.31 (0.18)
5.3
0.1
2.2
1000
-06
2
55
FN9260x-2-06-y
2 (2.3)
0.31 (0.18)
2.7
0.1
2.2
1000
-06
2
55
FN9260x-4-06-y
4 (4.6)
0.31 (0.18)
1.0
0.1
2.2
1000
-06
2
55
FN9260x-6-06-y
6 (6.9)
0.31 (0.18)
0.3
0.1
2.2
1000
-06
2
55
FN9260x-10-06-y
10 (11.5)
0.31 (0.18)
0.2
0.1
2.2
1000
-06
2
55
FN9260xA1-1-06-y
1 (1.2)
0.03 (0.02)
5.3
0.1
0.22
1000
-06
2
55
FN9260xA-2-06-y
2 (2.3)
0.07 (0.04)
2.7
0.1
0.47
1000
-06
2
55
FN9260xA-4-06-y
4 (4.6)
0.07 (0.04)
1.0
0.1
0.47
1000
-06
2
55
FN9260xA-6-06-y
6 (6.9)
0.07 (0.04)
0.3
0.1
0.47
1000
-06
2
55
FN9260xA-10-06-y
10 (11.5)
0.07 (0.04)
0.2
0.1
0.47
1000
-06
2
55
FN9260xB-1-06-y
1 (1.2)
0.00
5.3
0.1
1000
-06
2
55
FN9260xB-2-06-y
2 (2.3)
0.00
2.7
0.1
1000
-06
2
55
FN9260xB-4-06-y
4 (4.6)
0.00
1.0
0.1
1000
-06
2
55
FN9260xB-6-06-y
6 (6.9)
0.00
0.3
0.1
1000
-06
2
55
FN9260 xB-10-06-y
10 (11.5)
0.00
0.2
0.1
1000
-06
2
55
FN261x-1-06-y
1 (1.2)
0.31 (0.18)
5.3
0.1
2.2
1000
-06
1
55
FN261x-2-06-y
2 (2.3)
0.31 (0.18)
2.7
0.1
2.2
1000
-06
1
55
FN261x-4-06-y
4 (4.6)
0.31 (0.18)
1.0
0.1
2.2
1000
-06
1
55
FN261x-6-06-y
6 (6.9)
0.31 (0.18)
0.3
0.1
2.2
1000
-06
1
55
FN261x-10-06-y
10 (11.5)
0.31 (0.18)
0.2
0.1
2.2
1000
-06
1
55
*** Leakage current under normal operating conditions (acc. to IEC60939-3). Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
*** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%
*** Fuses are not included in the filter and need to be selected according to application
Product selector
For example: FN 9260-1-06-10, FN 9260 SB-10-06-20, FN 261 S-6-06-30


Similar Part No. - FN9260XA-2-06-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9260 ETC2-FN9260 Datasheet
192Kb / 2P
   General-purpose power entry module
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260S ETC2-FN9260S Datasheet
192Kb / 2P
   General-purpose power entry module
More results

Similar Description - FN9260XA-2-06-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
   General Purpose Power Entry Module with Fuses
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
   General Purpose Power Entry Module with Fuses
logo
Schaffner International...
FN-9264 SCHAFFNER-FN-9264 Datasheet
2Mb / 6P
   General Purpose Power Entry Module with Switch
logo
List of Unclassifed Man...
FN261-10-06 ETC2-FN261-10-06 Datasheet
192Kb / 2P
   General-purpose power entry module
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
   General purpose power entry module with mains switch
logo
Schaffner International...
FN-9262 SCHAFFNER-FN-9262 Datasheet
848Kb / 5P
   High Performance Power Entry Module with Fuses
logo
Littelfuse
KLNR LITTELFUSE-KLNR Datasheet
188Kb / 2P
   General Purpose Fuses
KLLU LITTELFUSE-KLLU Datasheet
193Kb / 3P
   General Purpose Fuses
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
   Power Entry Module with Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com