Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380CV25-167BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1380CV25-167BZC
Description  512K x 36/1M x 18 Pipelined SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380CV25-167BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1380CV25-167BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1380CV25-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1380CV25-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380CV25-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380CV25-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380CV25-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380CV25-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1380CV25-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1380CV25-167BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
CY7C1380CV25
CY7C1382CV25
PRELIMINARY
Document #: 38-05240 Rev. *A
Page 7 of 33
TMS
Test Mode Select
Synchronous
This pin controls the Test Access Port state machine. Sampled on the
rising edge of TCK. (BGA Only)
TCK
JTAG serial clock
Serial clock to the JTAG circuit. (BGA Only)
VDD
Power Supply
Power supply inputs to the core of the device. Should be connected to 2.5V
± 5% power supply.
VSS
Ground
Ground for the core of the device. Should be connected to ground of the
system.
VDDQ
I/O Power Supply
Power supply for the I/O circuitry.
VSSQ
I/O Ground
Ground for the I/O circuitry. Should be connected to ground of the system.
NC
-
No Connects.Pins are not internally connected.
36M
72M
144M
-
No Connects. Reserved for address expansion.
Pin Definitions
Name
I/O
Description


Similar Part No. - CY7C1380CV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25-167BZC CYPRESS-CY7C1380CV25-167BZC Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1380CV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com