Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN600V-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN600V-7
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN600V-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN600V-7 Datasheet HTML 1Page - Diodes Incorporated DMN600V-7 Datasheet HTML 2Page - Diodes Incorporated DMN600V-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30673 Rev. 1 - 5
1 of 3
DMN600V
www.diodes.com
ã Diodes Incorporated
DMN600V
DUAL N-CHANNEL ENHANCEMENT
MODE FIELD EFFECT TRANSISTOR
Features
·
Dual N-Channel MOSFET
·
Low On-Resistance
·
Low Gate Threshold Voltage
·
Low Input Capacitance
·
Fast Switching Speed
·
Low Input/Output Leakage
·
Ultra-Small Surface Mount Package
·
Lead Free By Design/RoHS Compliant (Note 3)
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS £ 1.0MW
VDGR
60
V
Gate-Source Voltage (Note 3)
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 3)
Continuous
ID
280
mA
Drain Current (Note 3)
Pulsed
IDM
1.5
A
Total Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
A
M
L
B C
H
K
G
D
Mechanical Data
S
1
D
1
D
2
S
2
G
1
G
2
·
Case: SOT-563
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals Connections: See Diagram
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Terminals: Lead bearing terminal plating available. See
Ordering information Page 2, Note 6
·
Marking: See Page 2
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.006 grams (approximate)
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
0.11
All Dimensions in mm
Notes:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180° rotated, or mixed (both ways).
2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added Lead.
SEE NOTE 1


Similar Part No. - DMN600V-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6013LFG DIODES-DMN6013LFG Datasheet
333Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN6013LFG-13 DIODES-DMN6013LFG-13 Datasheet
333Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN6013LFG-13 DIODES-DMN6013LFG-13 Datasheet
333Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN6013LFG-7 DIODES-DMN6013LFG-7 Datasheet
333Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN6013LFG-7 DIODES-DMN6013LFG-7 Datasheet
333Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN600V-7

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com