Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3731 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3731
Description  3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3731 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3731 Datasheet HTML 23Page - Linear Technology LTC3731 Datasheet HTML 24Page - Linear Technology LTC3731 Datasheet HTML 25Page - Linear Technology LTC3731 Datasheet HTML 26Page - Linear Technology LTC3731 Datasheet HTML 27Page - Linear Technology LTC3731 Datasheet HTML 28Page - Linear Technology LTC3731 Datasheet HTML 29Page - Linear Technology LTC3731 Datasheet HTML 30Page - Linear Technology LTC3731 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC3731
3731fa
PACKAGE DESCRIPTIO
PV
A
pF
VV
V
kHz
W
MAIN
IN
≈Ω
+
=
3
45
23
2
1000
1
51 8
1
18
400
6 3
2
()
()( )
()(
)
–.
.
()
.
This totals 1W at VIN = 8V, 2.25W at VIN = 12V and 6.25W
at VIN = 20V.
Total of all three synchronous MOSFET’s AC gate loss:
()
( )
( )(
)
(
)
36 15
4 5
Q
V
V
fnC
V
V
E
G
IN
DSSPEC
IN
DSSPEC
=
This totals 0.08W at VIN = 8V, 0.12W at VIN = 12V and
0.19W at VIN = 20V. The bottom MOSFET does not
experience the Miller capacitance dissipation issue that
the main switch does because the bottom switch turns on
when its drain is close to ground.
The Schottky rectifier loss assuming 50ns nonoverlap
time:
2 • 3(0.7V)(15A)(50ns)(4E5)
This totals 1.26W.
The total output power is (1.3V)(45A) = 58.5W and the
total input power is approximately 60W so the % loss of
each component is as follows:
Main switch’s AC loss (VIN = 12V) 2.25W 3.75%
Main switch’s DC loss
0.87W
1.5%
Synchronous switch AC loss
0.19W
0.3%
Synchronous switch DC loss
7.2W
12%
Power path loss
3.7W
6.1%
The numbers above represent the values at VIN = 12V. It
can be seen from this simple example that two things can
be done to improve efficiency: 1) Use two MOSFETs on the
synchronous side and 2) use a smaller MOSFET for the
main switch with smaller CMILLER to better balance the AC
loss with the DC loss. A smaller, less expensive MOSFET
can actually perform better in the task of the main switch.


Similar Part No. - LTC3731

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3731 LINER-LTC3731 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3731 LINER-LTC3731 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731HG LINER-LTC3731HG Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
More results

Similar Description - LTC3731

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3732 LINER-LTC3732 Datasheet
285Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3732 LINER-LTC3732_15 Datasheet
294Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3730 LINER-LTC3730_15 Datasheet
388Kb / 28P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
LTC3730 LINER-LTC3730 Datasheet
341Kb / 27P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com