Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3731 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3731
Description  3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3731 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3731 Datasheet HTML 15Page - Linear Technology LTC3731 Datasheet HTML 16Page - Linear Technology LTC3731 Datasheet HTML 17Page - Linear Technology LTC3731 Datasheet HTML 18Page - Linear Technology LTC3731 Datasheet HTML 19Page - Linear Technology LTC3731 Datasheet HTML 20Page - Linear Technology LTC3731 Datasheet HTML 21Page - Linear Technology LTC3731 Datasheet HTML 22Page - Linear Technology LTC3731 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
LTC3731
3731fa
Undervoltage Reset
In the event that the input power source to the IC (VCC)
drops below 4V, the RUN/SS capacitor will be discharged
to ground. When VCC rises above 4V, the RUN/SS capaci-
tor will be allowed to recharge and initiate another soft-
start turn-on attempt. This may be useful in applications
that switch between two supplies that are not diode
connected, but note that this cannot make up for the
resultant interruption of the regulated output.
Phase-Locked Loop and Frequency Synchronization
The IC has a phase-locked loop comprised of an internal
voltage controlled oscillator and phase detector. This
allows the top MOSFET of output stage 1’s turn-on to be
locked to the rising edge of an external source. The
frequency range of the voltage controlled oscillator is
±50% around the center frequency fO. A voltage applied to
the PLLFLTR pin of 1.2V corresponds to a frequency of
approximately 400kHz. The nominal operating frequency
range of the IC is 225kHz to 680kHz.
The phase detector used is an edge sensitive digital type
that provides zero degrees phase shift between the
external and internal oscillators. This type of phase
detector will not lock the internal oscillator to harmonics
of the input frequency. The PLL hold-in range, ∆fH, is
equal to the capture range, ∆fC:
∆fH = ∆fC = ±0.5 fO
The output of the phase detector is a complementary pair
of current sources charging or discharging the external
filter components on the PLLFLTR pin. A simplified block
diagram is shown in Figure 9.
If the external frequency (fPLLIN) is greater than the oscil-
lator frequency, fOSC, current is sourced continuously,
pulling up the PLLFLTR pin. When the external frequency
is less than fOSC, current is sunk continuously, pulling
down the PLLFLTR pin. If the external and internal fre-
quencies are the same, but exhibit a phase difference, the
current sources turn on for an amount of time correspond-
ing to the phase difference. Thus, the voltage on the
APPLICATIO S I FOR ATIO
Figure 8. Foldback Current Elimination
VCC
3731 F08
CALCULATE FOR
0.42V TO 0.55V
VCC
EAIN
Q1
LTC3731
The value of the soft-start capacitor CSS may need to be
scaled with output current, output capacitance and load
current characteristics. The minimum soft-start capaci-
tance is given by:
CSS > (COUT )(VOUT) (10–4) (RSENSE)
The minimum recommended soft-start capacitor of
CSS = 0.1µF will be sufficient for most applications.
Current Foldback
In certain applications, it may be desirable to defeat the
internal current foldback function. A negative impedance
is experienced when powering a switching regulator.
That is, the input current is higher at a lower VIN and
decreases as VIN is increased. Current foldback is de-
signed to accommodate a normal, resistive load having
increasing current draw with increasing voltage. The EAIN
pin should be artificially held 70% above its nominal
operating level of 0.6V, or 0.42V in order to prevent the IC
from “folding back” the peak current level. A suggested
circuit is shown in Figure 8.
The emitter of Q1 will hold up the EAIN pin to a voltage in
the absence of VOUT that will prevent the internal sensing
circuitry from reducing the peak output current. Remov-
ing the function in this manner eliminates the external
MOSFET’s protective feature under short-circuit condi-
tions. This technique will also prevent the short-circuit
latchoff function from turning off the part during a short-
circuit event and the peak output current will only be
limited to N • 75mV/RSENSE.


Similar Part No. - LTC3731

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3731 LINER-LTC3731 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3731 LINER-LTC3731 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731HG LINER-LTC3731HG Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
More results

Similar Description - LTC3731

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3732 LINER-LTC3732 Datasheet
285Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3732 LINER-LTC3732_15 Datasheet
294Kb / 28P
   3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3730 LINER-LTC3730_15 Datasheet
388Kb / 28P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
LTC3730 LINER-LTC3730 Datasheet
341Kb / 27P
   3-Phase, 5-Bit Intel Mobile VID, 600kHz, Synchronous Buck Controller
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com