Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2150A Datasheet(PDF) 3 Page - Moxa Inc.

Part # W2150A
Description  and 2-port serial-to-WiFi (802.11a/b/g/n) device servers with wireless client
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

W2150A Datasheet(HTML) 3 Page - Moxa Inc.

  W2150A Datasheet HTML 1Page - Moxa Inc. W2150A Datasheet HTML 2Page - Moxa Inc. W2150A Datasheet HTML 3Page - Moxa Inc. W2150A Datasheet HTML 4Page - Moxa Inc. W2150A Datasheet HTML 5Page - Moxa Inc. W2150A Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.moxa.com
3
Stop Bits
1, 1.5, 2
Parity
None, Even, Odd, Space, Mark
Flow Control
None, RTS/CTS, XON/XOFF
RS-485 Data Direction Control
ADDC® (automatic data direction control)
Pull High/Low Resistor for RS-485
1 kilo-ohm, 150 kilo-ohms
Terminator for RS-485
120 ohms
Surge
1 kV
Physical Characteristics
Housing
Metal
Installation
Desktop, DIN-rail mounting (with optional kit), Wall mounting
Dimensions (with ears, without antenna)
77 x 111 x 26 mm (3.03 x 4.37 x 1.02 in)
Dimensions (without ears or antenna)
100 x 111 x 26 mm (3.94 x 4.37 x 1.02 in)
Weight
NPort W2150A/W2150A-T: 547 g (1.21 lb)
NPort W2250A/W2250A-T: 557 g (1.23 lb)
Antenna Length
109.79 mm (4.32 in)
Environmental Limits
Operating Temperature
Standard Models: 0 to 55°C (32 to 131°F)
Wide Temp. Models: -40 to 75°C (-40 to 167°F)
Storage Temperature (package included)
-40 to 75°C (-40 to 167°F)
Ambient Relative Humidity
5 to 95% (non-condensing)
Power Parameters
Input Current
NPort W2150A/W2150A-T: 179 mA @ 12 VDC
NPort W2250A/W2250A-T: 200 mA @ 12 VDC
Input Voltage
12 to 48 VDC
Standards and Certifications
EMC
EN 55032/24
EMI
CISPR 32, FCC Part 15B Class A
EMS
IEC 61000-4-2 ESD: Contact: 4 kV; Air: 8 kV
IEC 61000-4-3 RS: 80 MHz to 1 GHz: 3 V/m
IEC 61000-4-4 EFT: Power: 2 kV; Signal: 2 kV
IEC 61000-4-5 Surge: Power: 2 kV; Signal: 1 kV
IEC 61000-4-6 CS: 150 kHz to 80 MHz: 3 V/m; Signal: 3 V/m
IEC 61000-4-8 PFMF
IEC 61000-4-11
Radio Frequency
CE (ETSI EN 301 893, ETSI EN 300 328, ETSI EN 301 489-17, ETSI EN 301 489-1), ARIB
RCR STD-33, ARIB STD-66
Reliability
Alert Tools
RTC (real-time clock)
Automatic Reboot Trigger
Built-in WDT


Similar Part No. - W2150A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W21500J BOURNS-W21500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W2150A

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
AWK-1137C MOXA-AWK-1137C Datasheet
1Mb / 7P
   Industrial 802.11a/b/g/n wireless client
AWK-3131A-RTG MOXA-AWK-3131A-RTG Datasheet
1Mb / 8P
   Industrial IEEE 802.11a/b/g/n wireless AP/client
AWK-3131A-RCC MOXA-AWK-3131A-RCC Datasheet
770Kb / 7P
   Industrial IEEE 802.11a/b/g/n wireless AP/client
AWK-3131A MOXA-AWK-3131A Datasheet
855Kb / 6P
   Industrial IEEE 802.11a/b/g/n wireless AP/bridge/client
AWK-4131A MOXA-AWK-4131A Datasheet
974Kb / 7P
   Outdoor industrial IEEE 802.11a/b/g/n wireless AP/bridge/client
AWK-1131A MOXA-AWK-1131A Datasheet
676Kb / 6P
   Entry-level industrial IEEE 802.11a/b/g/n wireless AP/client
W5108 MOXA-W5108 Datasheet
1Mb / 7P
   1 and 2-port IEEE 802.11a/b/g/n wireless Modbus/DNP3 gateways
IAW5000A MOXA-IAW5000A Datasheet
1Mb / 7P
   1/2-port RS-232/422/485 IEEE 802.11a/b/g/n wireless device server
logo
Advantech Co., Ltd.
EKI-1361 ADVANTECH-EKI-1361 Datasheet
430Kb / 2P
   1-Port RS-232/422/485 to 802.11a/b/g/n WLAN Serial Device Server
28-Oct-2020
logo
Moxa Inc.
W1 MOXA-W1 Datasheet
892Kb / 4P
   Wireless LAN embedded serial device servers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com