Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC-8131-LX Datasheet(PDF) 5 Page - Moxa Inc.

Part # UC-8131-LX
Description  Arm Cortex-A8 300 MHz/600 MHz/1 GHz IIoT gateway
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

UC-8131-LX Datasheet(HTML) 5 Page - Moxa Inc.

  UC-8131-LX Datasheet HTML 1Page - Moxa Inc. UC-8131-LX Datasheet HTML 2Page - Moxa Inc. UC-8131-LX Datasheet HTML 3Page - Moxa Inc. UC-8131-LX Datasheet HTML 4Page - Moxa Inc. UC-8131-LX Datasheet HTML 5Page - Moxa Inc. UC-8131-LX Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.moxa.com
5
Dimensions
Ordering Information
Model Name
CPU
RAM
Storage
Storage Slots
Mini PCIe Socket for
Wireless Module
UC-8131-LX
Armv7 Cortex-A8 300
MHz
256 MB
8 GB eMMC
SD Card
UC-8132-LX
Armv7 Cortex-A8 300
MHz
256 MB
8 GB eMMC
SD Card
1
UC-8162-LX
Armv7 Cortex-A8 600
MHz
512 MB
8 GB eMMC
SD Card
1
UC-8112-LX
Armv7 Cortex-A8 1 GHz
512 MB
8 GB eMMC
SD Card
1
Accessories (sold separately)
Power Adapters
PWR-24270-DT-S1
Power adapter, input voltage 90 to 264 VAC, output voltage 24 V with 2.5 A DC load
Power Cords
PWC-C7AU-2B-183
Power cord with Australian (AU) plug, 2.5A/250V, 1.83 m
PWC-C7CN-2B-183
Power cord with two-prong China (CN) plug, 1.83 m
PWC-C7EU-2B-183
Power cord with Continental Europe (EU) plug, 2.5A/250V, 1.83 m
PWC-C7UK-2B-183
Power cord with United Kingdom (UK) plug, 2.5A/250V, 1.83 m
PWC-C7US-2B-183
Power cord with United States (US) plug, 10A/125V, 1.83 m
Wi-Fi Wireless Modules
WiFi-BGN
802.11ac/a/b/g/n Wi-Fi module x1, i-PEX MHF male connector to RP-SMA female connector x2, ANT-
WDB-ARM-02 x1, M2 screw x2
Antennas


Similar Part No. - UC-8131-LX

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
UC-8131-LX MOXA-UC-8131-LX Datasheet
1Mb / 6P
   Arm Cortex-A8 300 MHz/600 MHz/1 GHz IIoT gateway
More results

Similar Description - UC-8131-LX

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
UC-5100 MOXA-UC-5100 Datasheet
1Mb / 6P
   Arm Cortex-A8 300 MHz/600 MHz/1 GHz IIoT gateway
UC-2100 MOXA-UC-2100 Datasheet
2Mb / 8P
   Arm Cortex-A8 600 MHz palm-sized IIoT gateway
UC-8100A-ME-T MOXA-UC-8100A-ME-T Datasheet
1Mb / 6P
   Arm Cortex-A8 1 GHz IIoT gateway
logo
AAEON Technology
SRG-3352C AAEON-SRG-3352C Datasheet
608Kb / 2P
   Standard IoT Gateway System With Onboard ARM Cortex-A8 800 MHz RISC Processor
2022/10/21
SRG-3352 AAEON-SRG-3352 Datasheet
482Kb / 2P
   Standard IoT Gateway System With Onboard ARM Cortex-A8 800 MHz RISC Processor
2022/10/21
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
logo
Keysight Technologies
E4982A KEYSIGHT-E4982A Datasheet
3Mb / 22P
   1 MHz to 300 MHz/500 MHz/1 GHz/3 GHz
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com