Electronic Components Datasheet Search |
|
UC-8100 Datasheet(PDF) 3 Page - Moxa Inc. |
|
UC-8100 Datasheet(HTML) 3 Page - Moxa Inc. |
3 / 6 page www.moxa.com 3 Ethernet Interface Magnetic Isolation Protection 1.5 kV (built-in) Serial Interface Data Bits 5, 6, 7, 8 Parity None, Even, Odd, Space, Mark Stop Bits 1, 1.5, 2 Baudrate 300 bps to 921.6 kbps Serial Signals RS-232 TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND RS-422 Tx+, Tx-, Rx+, Rx-, GND RS-485-2w Data+, Data-, GND RS-485-4w Tx+, Tx-, Rx+, Rx-, GND LED Indicators System Power x 1 SD slots x 1 Programmable x 3 Wireless Signal Strength Cellular/Wi-Fi x 3 Power Parameters Input Voltage 12 to 24 VDC Input Current 480 mA @ 12 VAC 225 mA @ 24 VAC Power Consumption 5.4 W Reliability Alert Tools RTC (real-time clock) Automatic Reboot Trigger Built-in WDT Physical Characteristics Housing Plastic Dimensions 101 x 27 x 128 mm (3.98 x 1.06 x 5.04 in) Weight 224 g (0.5 lb) Installation DIN-rail mounting, Wall mounting (with optional kit) Environmental Limits Operating Temperature -10 to 60°C (14 to 140°F) Storage Temperature (package included) -20 to 80°C (-4 to -176°F) Ambient Relative Humidity 5 to 95% (non-condensing) Vibration 2 Grms @ IEC 60068-2-64, random wave, 5-500 Hz, 1 hr per axis (without USB devices attached) Shock IEC 60068-2-27 |
Similar Part No. - UC-8100 |
|
Similar Description - UC-8100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |