Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD2621 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD2621
Description  Silicon NPN epitaxial planar type For low-frequency driver amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2621 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2621 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2621 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2621 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: June 2004
SJC00307AED
2SD2621
Silicon NPN epitaxial planar type
For low-frequency driver amplification
■ Features
• High forward current transfer ratio h
FE
• Low collector-emitter saturation voltage V
CE(sat)
• High emitter-base voltage (Collector open) V
EBO
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
100
V
Collector-emitter voltage (Base open)
VCEO
100
V
Emitter-base voltage (Collector open)
VEBO
15
V
Collector current
IC
20
mA
Peak collector current
ICP
50
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 0
100
V
Collector-emitter voltage (Base open)
VCEO
IC = 1 mA, IB = 0
100
V
Emitter-base voltage (Collector open)
VEBO
IE
= 10 µA, I
C
= 015
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 60 V, IE = 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 60 V, IB = 0
1.0
µA
Forward current transfer ratio
hFE
VCE = 10 V, IC = 2 mA
400
1 200
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 1 mA
0.05
0.20
V
Transition frequency
fT
VCB = 10 V, IE = −2 mA, f = 200 MHz
200
MHz
Noise voltage
NV
VCE = 10 V, IC = 1 mA, GV = 80 dB
80
mV
Rg = 100 kΩ, Function = FLAT
■ Electrical Characteristics T
a = 25°C ± 3°C
Unit: mm
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Marking Symbol: 3B
0.33
(0.40)
(0.40)
12
3
0.80±0.05
1.20±0.05
+0.05
–0.02
0.10
+0.05
–0.02
0.23
+0.05
–0.02
1 : Base
2 : Emitter
3 : Collector
SSSMini3-F1 Package


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn