Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6KE200 Datasheet(PDF) 1 Page - Semikron International

Part No. P6KE200
Description  Unidirectional and bidirectional Transient Voltage Suppressor diodes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMIKRON [Semikron International]
Homepage  http://www.semikron.com
Logo SEMIKRON - Semikron International

P6KE200 Datasheet(HTML) 1 Page - Semikron International

  P6KE200 Datasheet HTML 1Page - Semikron International P6KE200 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
Unidirectional and
bidirectional Transient
Voltage Suppressor
diodes
P6 KE200...P6 KE440CA, P6
KE520C
Pulse Power
Dissipation: 600 W
Maximum Stand-off
voltage: 162 ... 423 V
Features
Mechanical Data
1)
2)
3)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Dimensions in mm
P6 KE200...P6 KE440CA, P6 KE520C
1
02-04-2004 SCT
© by SEMIKRON


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn