Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2111A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2111A
Description  AUTOSWITHING POWER MUX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2111A Datasheet(HTML) 2 Page - Texas Instruments

  TPS2111A Datasheet HTML 1Page - Texas Instruments TPS2111A Datasheet HTML 2Page - Texas Instruments TPS2111A Datasheet HTML 3Page - Texas Instruments TPS2111A Datasheet HTML 4Page - Texas Instruments TPS2111A Datasheet HTML 5Page - Texas Instruments TPS2111A Datasheet HTML 6Page - Texas Instruments TPS2111A Datasheet HTML 7Page - Texas Instruments TPS2111A Datasheet HTML 8Page - Texas Instruments TPS2111A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS2110A
TPS2111A
SBVS043 − MARCH 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
FEATURE
TPS2110A
TPS2111A
TPS2112A
TPS2113A
TPS2114A
TPS2115A
Current Limit Adjustment Range
0.31−0.75A
0.63−1.25A
0.31−0.75A
0.63−1.25A
0.31−0.75A
0.63−1.25A
Switching Modes
Manual
Yes
Yes
No
No
Yes
Yes
Switching Modes
Automatic
Yes
Yes
Yes
Yes
Yes
Yes
Switch Status Output
No
No
Yes
Yes
Yes
Yes
Package
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
ORDERING INFORMATION
TA
PACKAGE
ORDERING NUMBER(1)
MARKINGS
−40
°C to 85°C
TSSOP-8 (PW)
TPS2110APW
2110A
−40
°C to 85°C
TSSOP-8 (PW)
TPS2111APW
2111A
(1) The PW package is available taped and reeled. Add an R suffix to the device type (e.g., TPS2110APWR) to indicate tape and reel.
PACKAGE DISSIPATION RATINGS
PACKAGE
DERATING FACTOR ABOVE
TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TSSOP-8 (PW)
3.9 mW/
°C
387 mW
213 mW
155 mW
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS2110A, TPS2111A
Input voltage range at pins IN1, IN2, D0, D1, VSNS, ILIM(2)
−0.3 V to 6 V
Output voltage range, VO(OUT)(2)
−0.3 V to 6 V
Continuous output current, IO
TPS2110A
0.9 A
Continuous output current, IO
TPS2111A
1.5 A
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
−40
°C to 125°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are with respect to GND.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Input voltage at IN1, VI(IN1)
VI(IN2) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN1, VI(IN1)
VI(IN2) < 2.8 V
2.8
5.5
V
Input voltage at IN2, VI(IN2)
VI(IN1) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN2, VI(IN2)
VI(IN1) < 2.8 V
2.8
5.5
V
Input voltage, VI(DO), VI(D1), VI(VSNS)
0
5.5
V
Current limit adjustment range, IO(OUT)
TPS2110A
0.31
0.75
A
Current limit adjustment range, IO(OUT)
TPS2111A
0.63
1.25
A
Operating virtual junction temperature, TJ
−40
125
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model
2
kV
CDM
500
V


Similar Part No. - TPS2111A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2111A TI1-TPS2111A Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2111APW TI1-TPS2111APW Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2111APWG4 TI1-TPS2111APWG4 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2111APWR TI1-TPS2111APWR Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2111APWRG4 TI1-TPS2111APWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Similar Description - TPS2111A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com