Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN2961 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. RN2961
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN2961 Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RN2961~RN2966
2001-06-07
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 Common)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50V, IE = 0
−100
Collector cut-off current
RN2961~2966
ICEO
VCE = −50V, IB = 0
−500
nA
RN2961
−0.82
−1.52
RN2962
−0.38
−0.71
RN2963
−0.17
−0.33
RN2964
VEB = −10V, IC = 0
−0.082
−0.15
RN2965
−0.078
−0.145
Emitter cut-off current
RN2966
IEBO
VEB = −5V, IC = 0
−0.074
−0.138
mA
RN2961
30
RN2962
50
RN2963
70
RN2964
80
RN2965
80
DC current gain
RN2966
hFE
VCE = −5V
IC = −10mA
80
Collector-emitter
saturation voltage
RN2961~2966
VCE (sat)
IC = −5mA
IB = −0.25mA
−0.1
−0.3
V
RN2961
−1.1
−2.0
RN2962
−1.2
−2.4
RN2963
−1.3
−3.0
RN2964
−1.5
−5.0
RN2965
−0.6
−1.1
Input voltage (ON)
RN2966
VI (ON)
VCE = −0.2V
IC = −5mA
−0.7
−1.3
V
RN2961~2964
−1.0
−1.5
Input voltage (OFF)
RN2965, 2966
VI (OFF)
VCE = −5V,
IC = −0.1mA
−0.5
−0.8
V
Translation frequency
RN2961~2966
fT
VCE = −10V,
IC = −5mA
200
MHz
Collector output
capacitance
RN2961~2966
Cob
VCB = −10V, IE = 0
f = 1MHz
3
6
pF
RN2961
3.29
4.7
6.11
RN2962
7
10
13
RN2963
15.4
22
28.6
RN2964
32.9
47
61.1
RN2965
1.54
2.2
2.86
Input resistor
RN2966
R1
3.29
4.7
6.11
kΩ
RN2961~2964
0.9
1.0
1.1
RN2965
0.0421 0.0468 0.0515
Resistor ratio
RN2966
R1/R2
0.09
0.1
0.11


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn