Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-K401-E00EE Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HLMP-K401-E00EE
Description  T-1 (3 mm) Diffused LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-K401-E00EE Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HLMP-K401-E00EE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-K401-E00EE Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Intensity Bin Limits
Intensity Range (mcd)
Color
Bin
Min.
Max.
D
2.4
3.8
E
3.8
6.1
F
6.1
9.7
G
9.7
15.5
H
15.5
24.8
I
24.8
39.6
J
39.6
63.4
K
63.4
101.5
L
101.5
162.4
M
162.4
234.6
N
234.6
340.0
Red/Orange
O
340.0
540.0
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0
10200.0
X
10200.0
14800.0
Y
14800.0
21400.0
Z
21400.0
30900.0
C
2.5
4.0
D
4.0
6.5
E
6.5
10.3
F
10.3
16.6
G
16.6
26.5
H
26.5
42.3
I
42.3
67.7
J
67.7
108.2
K
108.2
173.2
Yellow
L
173.2
250.0
M
250.0
360.0
N
360.0
510.0
O
510.0
800.0
P
800.0
1250.0
Q
1250.0
1800.0
R
1800.0
2900.0
S
2900.0
4700.0
T
4700.0
7200.0
U
7200.0
11700.0
V
11700.0
18000.0
W
18000.0
27000.0


Similar Part No. - HLMP-K401-E00EE

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-K401-EF000 AVAGO-HLMP-K401-EF000 Datasheet
229Kb / 6P
   Product Obsolescence Notification
More results

Similar Description - HLMP-K401-E00EE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1503 AVAGO-HLMP-1503 Datasheet
1Mb / 13P
   T-1 3mm Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com